Electronic Components Datasheet Search
  English  ▼

X  

AD8191 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8191
Description  4:1 HDMI/DVI Switch with Equalization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8191 Datasheet(HTML) 4 Page - Analog Devices

  AD8191 Datasheet HTML 1Page - Analog Devices AD8191 Datasheet HTML 2Page - Analog Devices AD8191 Datasheet HTML 3Page - Analog Devices AD8191 Datasheet HTML 4Page - Analog Devices AD8191 Datasheet HTML 5Page - Analog Devices AD8191 Datasheet HTML 6Page - Analog Devices AD8191 Datasheet HTML 7Page - Analog Devices AD8191 Datasheet HTML 8Page - Analog Devices AD8191 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD8191
Rev. 0 | Page 4 of 32
Parameter
Conditions/Comments
Min
Typ
Max
Unit
SERIAL CONTROL INTERFACE5
Input High Voltage, VIH
2
V
Input Low Voltage, VIL
0.8
V
Output High Voltage, VOH
2.4
V
Output Low Voltage, VOL
0.4
V
PARALLEL CONTROL INTERFACE
Input High Voltage, VIH
2
V
Input Low Voltage, VIL
0.8
V
1 Differential interpair skew is measured between the TMDS pairs of a single link.
2 AD8191 output meets the transmitter eye diagram as defined in the DVI Standard Revision 1.0 and the HDMI Standard Revision 1.2a.
3 Cable output meets the receiver eye diagram mask as defined in the DVI Standard Revision 1.0 and the HDMI Standard Revision 1.2a.
4 Typical value assumes only the selected HDMI/DVI link is active with nominal signal swings and that the unselected HDMI/DVI links are deactivated. Minimum and
maximum limits are measured at the respective extremes of input termination resistance and input voltage swing.
5 The AD8191 is an I2C slave and its serial control interface is based on the 3.3 V I2C bus specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com