Electronic Components Datasheet Search
  English  ▼

X  

AD8191 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8191
Description  4:1 HDMI/DVI Switch with Equalization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8191 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8191 Datasheet HTML 5Page - Analog Devices AD8191 Datasheet HTML 6Page - Analog Devices AD8191 Datasheet HTML 7Page - Analog Devices AD8191 Datasheet HTML 8Page - Analog Devices AD8191 Datasheet HTML 9Page - Analog Devices AD8191 Datasheet HTML 10Page - Analog Devices AD8191 Datasheet HTML 11Page - Analog Devices AD8191 Datasheet HTML 12Page - Analog Devices AD8191 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD8191
Rev. 0 | Page 9 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 27°C, AVCC = 3.3 V, VTTI = 3.3 V, VTTO = 3.3 V, DVCC = 3.3 V, AMUXVCC = 5 V, AVEE = 0 V, DVEE = 0 V, differential input
swing = 1000 mV, TMDS outputs terminated with external 50 Ω resistors to 3.3 V, pattern = PRBS 27 − 1, data rate = 1.65 Gbps, unless
otherwise noted.
REFERENCE EYE DIAGRAM AT TP1
DIGITAL
PATTERN
GENERATOR
AD8191
EVALUATION
BOARD
SERIAL DATA
ANALYZER
SMA COAX CABLE
HDMI CABLE
TP1
TP2
TP3
Figure 4. Test Circuit Diagram for RX Eye Diagram
0.125UI/DIV AT 1.65Gbps
Figure 5. RX Eye Diagram at TP2 (Cable = 2 meters, 30 AWG)
0.125UI/DIV AT 1.65Gbps
Figure 6. RX Eye Diagram at TP2 (Cable = 20 meters, 24 AWG)
0.125UI/DIV AT 1.65Gbps
Figure 7. RX Eye Diagram at TP3, EQ = 6 dB (Cable = 2 meters, 30 AWG)
0.125UI/DIV AT 1.65Gbps
Figure 8. RX Eye Diagram at TP3, EQ = 12 dB (Cable = 20 meters, 24 AWG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com