Electronic Components Datasheet Search
  English  ▼

X  

DSP56321 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # DSP56321
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button DSP56321 Datasheet HTML 22Page - NXP Semiconductors DSP56321 Datasheet HTML 23Page - NXP Semiconductors DSP56321 Datasheet HTML 24Page - NXP Semiconductors DSP56321 Datasheet HTML 25Page - NXP Semiconductors DSP56321 Datasheet HTML 26Page - NXP Semiconductors DSP56321 Datasheet HTML 27Page - NXP Semiconductors DSP56321 Datasheet HTML 28Page - NXP Semiconductors DSP56321 Datasheet HTML 29Page - NXP Semiconductors DSP56321 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 84 page
background image
DSP56321 Technical Data, Rev. 11
2-6
Freescale Semiconductor
Specifications
2.4.4
Reset, Stop, Mode Select, and Interrupt Timing
Notes:
1.
Refer to the
DSP56321 User’s Manual for a detailed description of register reset values.
2.
The total multiplication factor (MF) includes both integer and fractional parts (that is, MF = MFI + MFN/MFD).
3.
The numerator (MFN) should be less than the denominator (MFD).
4.
DPLL lock procedure duration is specified for the case when an external clock source is supplied to the EXTAL pin.
5.
Frequency-only Lock Mode or non-integer MF, after partial reset.
6.
Frequency and Phase Lock Mode, integer MF, after full reset.
Table 2-7.
Reset, Stop, Mode Select, and Interrupt Timing5
No.
Characteristics
Expression
200 MHz
220 MHz
240 MHz
275 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
8
Delay from RESET assertion to all
pins at reset value
3
——
26
—
26
—
26
—
26
ns
9
Required RESET duration4
•
Power on, external clock
generator, DPLL disabled
•
Power on, external clock
generator, DPLL enabled
•
Power on, internal oscillator
•
During STOP, XTAL disabled
•
During STOP, XTAL enabled
•
During normal operation
50
× ETC
1000
× ET
C
75000
× ETC
75000
× ET
C
2.5
× TC
2.5
× TC
250.0
5.0
0.375
0.375
12.5
17
—
—
—
—
—
—
227.5
4.55
0.341
0.341
11.38
16
—
—
—
—
—
—
208.5
4.17
0.313
0.313
10.43
15
—
—
—
—
—
—
182.0
3.64
0.273
0.273
9.1
9.1
—
—
—
—
—
—
ns
µs
ms
ms
ns
ns
10 Delay from asynchronous RESET
deassertion to first external address
output (internal reset deassertion)
•
Minimum
•Maximum
3.25
× T
C + 2.0
18.25
—
—
180
16.77
—
—
163
15.55
—
—
150
13.82
—
—
140
ns
ns
13 Mode select setup time
30.0
—
30.0
—
30.0
—
30.0
—
ns
14 Mode select hold time
0.0
—
0.0
—
0.0
—
0.0
—
ns
15 Minimum edge-triggered interrupt
request assertion width
4.0
—
4.0
—
4.0
—
4.0
—
ns
16 Minimum edge-triggered interrupt
request deassertion width
4.0
—
4.0
—
4.0
—
4.0
—
ns
17 Delay from IRQA, IRQB, IRQC, IRQD,
NMI assertion to external memory
access address out valid
•
Caused by first interrupt instruction
fetch
•
Caused by first interrupt instruction
execution
4.25
× TC + 2.0
7.25
× TC + 2.0
23.25
38.25
—
—
21.24
34.99
—
—
19.72
32.23
—
—
17.45
28.36
—
—
ns
ns
18 Delay from IRQA, IRQB, IRQC, IRQD,
NMI assertion to general-purpose
transfer output valid caused by first
interrupt instruction execution
8.9
× T
C
44.5
—
40.45
—
37.0
—
32.37
—
ns
19 Delay from address output valid
caused by first interrupt instruction
execute to interrupt request
deassertion for level sensitive fast
interrupts
1, 6, 7
(WS + 3.75)
× TC –
10.94
—
Note 7
—
Note 7
—
Note 7
—
Note 7
ns
Table 2-6.
CLKGEN and DPLL Characteristics (Continued)
Characteristics
Symbol
200 MHz
220 MHz
240 MHz
275 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com