Electronic Components Datasheet Search
  English  ▼

X  

DSP56321 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # DSP56321
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button DSP56321 Datasheet HTML 60Page - NXP Semiconductors DSP56321 Datasheet HTML 61Page - NXP Semiconductors DSP56321 Datasheet HTML 62Page - NXP Semiconductors DSP56321 Datasheet HTML 63Page - NXP Semiconductors DSP56321 Datasheet HTML 64Page - NXP Semiconductors DSP56321 Datasheet HTML 65Page - NXP Semiconductors DSP56321 Datasheet HTML 66Page - NXP Semiconductors DSP56321 Datasheet HTML 67Page - NXP Semiconductors DSP56321 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 84 page
background image
DSP56321 Technical Data, Rev. 11
4-4
Freescale Semiconductor
Design Considerations
Equation 4:
The maximum internal current (ICCImax) value reflects the typical possible switching of the internal buses on best-
case operation conditions—not necessarily a real application case. The typical internal current (ICCItyp) value
reflects the average switching of the internal buses on typical operating conditions.
Perform the following steps for applications that require very low current consumption:
1.
Set the EBD bit when you are not accessing external memory.
2.
Minimize external memory accesses, and use internal memory accesses.
3.
Minimize the number of pins that are switching.
4.
Minimize the capacitive load on the pins.
5.
Connect the unused inputs to pull-up or pull-down resistors.
6.
Disable unused peripherals.
7.
Disable unused pin activity (for example, CLKOUT, XTAL).
One way to evaluate power consumption is to use a current-per-MIPS measurement methodology to minimize
specific board effects (that is, to compensate for measured board current not caused by the DSP). A benchmark
power consumption test algorithm is listed in Appendix A. Use the test algorithm, specific test current
measurements, and the following equation to derive the current-per-MIPS value.
Equation 5:
Where:
ItypF2
=
current at F2
ItypF1
=
current at F1
F2
=
high frequency (any specified operating frequency)
F1
=
low frequency (any specified operating frequency lower than F2)
Note:
F1 should be significantly less than F2. For example, F2 could be 66 MHz and F1 could be 33 MHz. The
degree of difference between F1 and F2 determines the amount of precision with which the current rating
can be determined for an application.
4.4 Input (EXTAL) Jitter Requirements
The allowed jitter on the frequency of EXTAL is 0.5 percent. If the rate of change of the frequency of EXTAL is slow
(that is, it does not jump between the minimum and maximum values in one cycle) or the frequency of the jitter is
fast (that is, it does not stay at an extreme value for a long time), then the allowed jitter can be 2 percent. The phase
and frequency jitter performance results are valid only if the input jitter is less than the prescribed values.
I
50
10
12
–
×
3.3
×
33
×
10
6
×
5.48 mA
==
MIPS
⁄
I
MHz
⁄
I
typF2
I
typF1
–
()
F2
F1
–
()
⁄
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com