Electronic Components Datasheet Search
  English  ▼

X  

LM3100MH Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3100MH
Description  SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3100MH Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3100MH Datasheet HTML 1Page - National Semiconductor (TI) LM3100MH Datasheet HTML 2Page - National Semiconductor (TI) LM3100MH Datasheet HTML 3Page - National Semiconductor (TI) LM3100MH Datasheet HTML 4Page - National Semiconductor (TI) LM3100MH Datasheet HTML 5Page - National Semiconductor (TI) LM3100MH Datasheet HTML 6Page - National Semiconductor (TI) LM3100MH Datasheet HTML 7Page - National Semiconductor (TI) LM3100MH Datasheet HTML 8Page - National Semiconductor (TI) LM3100MH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM3100
SIMPLE SWITCHER® Synchronous 1MHz 1.5A
Step-Down Voltage Regulator
General Description
The LM3100 Synchronously Rectified Buck Converter fea-
tures all functions needed to implement a highly efficient,
cost effective buck regulator capable of supplying 1.5A to
loads with voltages as low as 0.8V. Dual 40V N-Channel
synchronous MOSFET switches allow for low external com-
ponent thus reducing complexity and minimizing board
space. The LM3100 is designed to work exceptionally well
with ceramic and other very low ESR output capacitors. The
Constant ON-Time (COT) regulation scheme requires no
loop compensation, results in fast load transient response,
and simplifies circuit implementation. Through the use of a
unique design the regulator does not rely on output capacitor
ESR for stability, as do most other COT regulators. The
operating frequency remains nearly constant with line and
load variations due to the inverse relationship between the
input voltage and the on-time. The oprating frequency can
be externally programmed up to 1MHz. Protection features
include V
CC under-voltage lockout, thermal shutdown and
gate drive under-voltage lockout. The part is available in a
thermally enhanced eTSSOP-20 package
Features
n
Input voltage range 4.5V - 36V
n
1.5A output current
n
0.8V, ±1.5% reference
n
Integrated 40V, dual N-Channel buck synchronous
switches
n
Low component count and small solution size
n
No loop compensation required
n
Ultra-fast transient response
n
Stable with ceramic and other low ESR capacitors
n
Programmable switching frequency up to 1MHz
n
Max. duty cycle limited during start-up
n
Valley current limit
n
Precision Internal Reference for adjustable output
voltage down to 0.8V
n
Thermal shutdown
n
Thermally enhanced eTSSOP-20 package
Typical Applications
n
5VDC, 12VDC, 24VDC, 12VAC, and 24VAC systems
n
Embedded Systems
n
Industrial Controls
n
Automotive Telematics and Body Electronics
n
Point of Load Regulators
n
Storage Systems
n
Broadband Infrastructure
n
Direct Conversion from 2/3/4 Cell Lithium Batteries
Systems
Typical Application
20174702
SIMPLE SWITCHER® is a registered trademark of National Semiconductor Corporation
February 2006
© 2006 National Semiconductor Corporation
DS201747
www.national.com


Similar Part No. - LM3100MH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3100MH NSC-LM3100MH Datasheet
3Mb / 18P
SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3100MH TI1-LM3100MH Datasheet
2Mb / 21P
SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100MH/NOPB TI1-LM3100MH/NOPB Datasheet
2Mb / 21P
SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM3100MHX NSC-LM3100MHX Datasheet
3Mb / 18P
SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3100MHX TI1-LM3100MHX Datasheet
2Mb / 21P
SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
More results

Similar Description - LM3100MH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
LM3103 NSC-LM3103 Datasheet
351Kb / 16P
SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
LM3102 NSC-LM3102 Datasheet
379Kb / 18P
SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100_07 Datasheet
3Mb / 18P
SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3100 TI1-LM3100_14 Datasheet
2Mb / 21P
SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3102 TI1-LM3102_14 Datasheet
1Mb / 24P
SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
LM25575 TI1-LM25575_14 Datasheet
989Kb / 29P
SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM3103 TI1-LM3103_14 Datasheet
1Mb / 20P
SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
LM5575 TI1-LM5575_14 Datasheet
993Kb / 28P
SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
LM3103 TI1-LM3103 Datasheet
1Mb / 20P
SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com