Electronic Components Datasheet Search
  English  ▼

X  

LM5100B Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5100B
Description  3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5100B Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM5100B Datasheet HTML 2Page - National Semiconductor (TI) LM5100B Datasheet HTML 3Page - National Semiconductor (TI) LM5100B Datasheet HTML 4Page - National Semiconductor (TI) LM5100B Datasheet HTML 5Page - National Semiconductor (TI) LM5100B Datasheet HTML 6Page - National Semiconductor (TI) LM5100B Datasheet HTML 7Page - National Semiconductor (TI) LM5100B Datasheet HTML 8Page - National Semiconductor (TI) LM5100B Datasheet HTML 9Page - National Semiconductor (TI) LM5100B Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Switching Characteristics (Continued)
Limits in standard type are for T
J = 25˚C only; limits in boldface type apply over the junction temperature (TJ) range of -40˚C to
+125˚C. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at T
J = 25˚C, and are provided for reference purposes only. Unless otherwise specified, VDD =
V
HB = 12V, VSS =VHS = 0V, No Load on LO or HO (Note 4).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
R
Output Rise Time (3V to 9V)
LM5100A/LM5101A
C
L = 0.1 µF
430
ns
Output Rise Time (3V to 9V)
LM5100B/LM5101B
570
Output Rise Time (3V to 9V)
LM5100C/LM5101C
990
t
F
Output Fall Time (3V to 9V)
LM5100A/LM5101A
C
L = 0.1 µF
260
ns
Output Fall Time (3V to 9V)
LM5100B/LM5101B
430
Output Fall Time (3V to 9V)
LM5100C/LM5101C
715
t
PW
Minimum Input Pulse Width that
Changes the Output
50
ns
t
BS
Bootstrap Diode Reverse Recovery
Time
I
F = 100 mA,
I
R = 100 mA
37
ns
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation of
the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the
Electrical Characteristics tables.
Note 2: The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin. 2 kV for all pins except Pin 2, Pin 3 and Pin 4 which are
rated at 1000V.
Note 3: 4 layer board with Cu finished thickness 1.5/1/1/1.5 oz. Maximum die size used. 5x body length of Cu trace on PCB top. 50 x 50mm ground and power
planes embedded in PCB. See Application Note AN-1187.
Note 4: Min and Max limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlation using Statistical
Quality Control (SQC) methods. Limits are used to calculate National’s Average Outgoing Quality Level (AOQL).
Note 5: The
θJA is not a given constant for the package and depends on the printed circuit board design and the operating environment.
Note 6: In the application the HS node is clamped by the body diode of the external lower N-MOSFET, therefore the HS node will generally not exceed -1V.
However, in some applications, board resistance and inductance may result in the HS node exceeding this stated voltage transiently. If negative transients occur,
the HS voltage must never be more negative than VDD-15V. For example if VDD = 10V, the negative transients at HS must not exceed -5V.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com