Electronic Components Datasheet Search
  English  ▼

X  

FXPQ3115BVS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # FXPQ3115BVS
Description  I2C precision pressure sensor with altimetry
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPQ3115BVS Datasheet(HTML) 4 Page - NXP Semiconductors

  FXPQ3115BVS Datasheet HTML 1Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 2Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 3Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 4Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 5Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 6Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 7Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 8Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
NXP Semiconductors
FXPQ3115BVS
I2C precision pressure sensor with altimetry
7 System connections
SCL
FXPQ3115BVS
SDL
INT1
INT2
8
7
6
5
1
2
3
4
VDD
VDDIO
aaa-044130
100 nF
10 µF
100 nF
Figure 3. Typical application diagram
The device power is supplied through the VDD line. Power supply decoupling capacitors (100 nF ceramic plus
10 μF bulk or 10 μF ceramic) should be placed as near as possible to pin 1 of the device. A second 100 nF
capacitor is used to bypass the internal regulator. The functions, threshold, and the timing of the interrupt pins
(INT1 and INT2) are user programmable through the I2C interface.
8 Handling and board mount recommendations
The sensor die is sensitive to light exposure. Direct light exposure through the port hole can lead to varied
accuracy of pressure measurement. Avoid such exposure to the port during normal operation.
8.1 Methods of handling
Components can be picked from the carrier tape using either the vacuum assist or the mechanical type
pickup heads. A vacuum assist nozzle type is most common due to its lower cost of maintenance and ease of
operation. The recommended vacuum nozzle configuration should be designed to make contact with the device
directly on the metal cover and avoid vacuum port location directly over the vent hole in the metal cover of the
device. Multiple vacuum ports within the nozzle may be required to effectively handle the device and prevent
shifting during movement to placement position.
Vacuum pressure required to adequately support the component should be approximately 25 in Hg (85 kPa).
This level is typical of in-house vacuum supply. Pickup nozzles are available in various sizes and configurations
to suit a variety of component geometries. To select the nozzle best suited for the specific application, NXP
recommends that the customer consult their pick and place equipment supplier to determine the correct nozzle.
In some cases it may be necessary to fabricate a special nozzle depending on the equipment and speed of
operation.
Tweezers or other mechanical forms of handling that have a sharp point are not recommended since they can
inadvertently be inserted into the vent hole of the device. This can lead to a puncture of the MEMS element that
will render the device inoperable.
8.2 Board mount recommendations
Components can be mounted using solder paste stencil, screen printed or dispensed onto the PCB pads prior
to placement of the component. The volume of solder paste applied to the PCB is normally sufficient to secure
FXPQ3115BVS
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 8 May 2023
4 / 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com