Electronic Components Datasheet Search
  English  ▼

X  

FXPQ3115BVS Datasheet(PDF) 49 Page - NXP Semiconductors

Part # FXPQ3115BVS
Description  I2C precision pressure sensor with altimetry
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPQ3115BVS Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button FXPQ3115BVS Datasheet HTML 41Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 42Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 43Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 44Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 45Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 46Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 47Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 48Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 49Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 49 / 49 page
background image
NXP Semiconductors
FXPQ3115BVS
I2C precision pressure sensor with altimetry
14.22
Control registers .............................................. 32
14.22.1 CTRL_REG1 - control register 1 (address
26h) ..................................................................32
14.22.2 CTRL_REG2 - control register 2 (address
27h) ..................................................................34
14.22.3 CTRL_REG3 - interrupt CTRL register
(address 28h) .................................................. 34
14.22.4 CTRL_REG4 - interrupt enable register
(address 29h) .................................................. 35
14.22.5 CTRL_REG5 - interrupt configuration
register (address 2Ah) .....................................36
14.23
Offset correction registers ................................38
14.23.1 OFF_P - offset pressure correction register
(address 2Bh) .................................................. 38
14.23.2 OFF_T - offset temperature correction
register (address 2Ch) .....................................38
14.23.3 OFF_H - altitude data user offset register
(address 2Dh) ..................................................38
15
Package information .........................................39
15.1
Package dimensions ........................................39
16
Soldering/landing pad information ..................41
17
Tape and reel specifications ............................ 42
18
Related documentation .................................... 42
19
Revision history ................................................ 43
20
Legal information ..............................................44
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section 'Legal information'.
© 2023 NXP B.V.
All rights reserved.
For more information, please visit: http://www.nxp.com
Date of release: 8 May 2023
Document identifier: FXPQ3115BVS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com