Electronic Components Datasheet Search
  English  ▼

X  

PCAL9714HNMP Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCAL9714HNMP
Description  Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and reset
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9714HNMP Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCAL9714HNMP Datasheet HTML 26Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 27Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 28Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 29Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 30Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 31Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 32Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 33Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
NXP Semiconductors
PCAL9714
Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and
reset
002aag963
POR
time
VDD(P)
time
VPOR (rising VDD(P))
VPOR (falling VDD(P))
Figure 22. Power-on reset voltage (VPOR)
7.4 Device current consumption with internal pullup and pulldown resistors
The PCAL9714 integrates programmable pullup and pulldown resistors to eliminate external components when
pins are configured as inputs and pullup or pulldown resistors are required (for example, nothing is driving the
inputs to the power supply rails. Since these pullup and pulldown resistors are internal to the device itself, they
contribute to the current consumption of the device and must be considered in the overall system design.
The pullup or pulldown function is selected in registers 48h and 49h, while the resistor is connected by the
enable registers 46h and 47h. The configuration of the resistors is shown in Figure 5.
If the resistor is configured as a pullup, that is, connected to VDD, a current will flow from the VDD(P) pin through
the resistor to ground when the pin is held LOW. This current will appear as additional IDD upsetting any current
consumption measurements.
In the same manner, if the resistor is configured as a pulldown and the pin is held HIGH, current will flow from
the power supply through the pin to the VSS pin. While this current will not be measured as part of IDD, one must
be mindful of the 200 mA limiting value through VSS.
The pullup and pulldown resistors are simple resistors and the current is linear with voltage. The resistance
specification for these devices spans from 50 kΩ with a nominal 100 kΩ value. Any current flow through these
resistors is additive by the number of pins held HIGH or LOW and the current can be calculated by Ohm’s law.
See Figure 26 for a graph of supply current versus the number of pullup resistors.
PCAL9714
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.0 — 1 May 2023
30 / 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com