Electronic Components Datasheet Search
  English  ▼

X  

PCAL9714HNMP Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCAL9714HNMP
Description  Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and reset
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9714HNMP Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCAL9714HNMP Datasheet HTML 9Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 10Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 11Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 12Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 13Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 14Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 15Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 16Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
NXP Semiconductors
PCAL9714
Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and
reset
Bit
7
6
5
4
3
2
1
0
Default
1
1
1
1
1
1
1
1
Table 17. Current control port 1A register (address 42h)...continued
Bit
7
6
5
4
3
2
1
0
Symbol
-
-
CC1.5
CC1.4
Default
-
-
-
-
1
1
1
1
Table 18. Current control port 1B register (address 43h)
6.4.6 Input latch registers (44h, 45h)
The input latch registers (registers 44 and 45) enable and disable the input latch of the I/O pins. These
registers are effective only when the pin is configured as an input port. When an input latch register bit is 0,
the corresponding input pin state is not latched. A state change in the corresponding input pin generates an
interrupt. A read of the input register clears the interrupt. If the input goes back to its initial logic state before the
input port register is read, then the interrupt is cleared.
When an input latch register bit is 1, the corresponding input pin state is latched. A change of state of the input
generates an interrupt and the input logic value is loaded into the corresponding bit of the input port register
(registers 0 and 1). A read of the input port register clears the interrupt. If the input pin returns to its initial logic
state before the input port register is read, then the interrupt is not cleared and the corresponding bit of the input
port register keeps the logic value that initiated the interrupt. See Figure 12
For example, if the P0_4 input was as logic 0 and the input goes to logic 1 then back to logic 0, the input port
0 register will capture this change and an interrupt is generated (if unmasked). When the read is performed on
the input port 0 register, the interrupt is cleared, assuming there were no additional input(s) that have changed,
and bit 4 of the input port 0 register will read ‘1’. The next read of the input port register bit 4 register should now
read ‘0’.
An interrupt remains active when a non-latched input simultaneously switches state with a latched input and
then returns to its original state. A read of the input register reflects only the change of state of the latched input
and also clears the interrupt. The interrupt is not cleared if the input latch register changes from latched to non-
latched configuration.
If the input pin is changed from latched to non-latched input, a read from the input port register reflects the
current port logic level. If the input pin is changed from non-latched to latched input, the read from the input
register reflects the latched logic level. A register write operation is described in Section 6.10.1.1. A register
read operation is described in Section 6.10.1.2.
Bit
7
6
5
4
3
2
1
0
Symbol
L0.7
L0.6
L0.5
L0.4
L0.3
L0.2
L0.1
L0.0
Default
0
0
0
0
0
0
0
0
Table 19. Input latch port 0 register (address 44h)
Bit
7
6
5
4
3
2
1
0
Symbol
-
-
L1.5
L1.4
L1.3
L1.2
L1.1
L1.0
Default
-
-
0
0
0
0
0
0
Table 20. Input latch port 1 register (address 45h)
PCAL9714
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.0 — 1 May 2023
13 / 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com