Electronic Components Datasheet Search
  English  ▼

X  

AD5532ABC-2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5532ABC-2
Description  32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5532ABC-2 Datasheet(HTML) 1 Page - Analog Devices

  AD5532ABC-2 Datasheet HTML 1Page - Analog Devices AD5532ABC-2 Datasheet HTML 2Page - Analog Devices AD5532ABC-2 Datasheet HTML 3Page - Analog Devices AD5532ABC-2 Datasheet HTML 4Page - Analog Devices AD5532ABC-2 Datasheet HTML 5Page - Analog Devices AD5532ABC-2 Datasheet HTML 6Page - Analog Devices AD5532ABC-2 Datasheet HTML 7Page - Analog Devices AD5532ABC-2 Datasheet HTML 8Page - Analog Devices AD5532ABC-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD5532B*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
32-Channel, 14-Bit DAC with Precision
Infinite Sample-and-Hold Mode
FUNCTIONAL BLOCK DIAGRAM
SYNC / CS
WR
CAL
A4–A0
SCLK
OFFSET_SEL
AD5532B
DVCC
VIN
DIN DOUT
ADDRESS INPUT REGISTER
AVCC
REF IN REF OUT
OFFS IN
INTERFACE
CONTROL
LOGIC
OFFS OUT
VOUT 31
VOUT 0
TRACK / RESET
BUSY
DAC GND
AGND
DGND
SER /
PAR
VDD
VSS
DAC
DAC
ADC
MUX
DAC
MODE
14-BIT
BUS
FEATURES
High Integration:
32-Channel DAC in 12 mm
12 mm CSPBGA
Guaranteed Monotonic to 14 Bits
Infinite Sample-and-Hold Capability to
0.018% Accuracy
Infinite Sample-and-Hold Total Unadjusted Error
2.5 mV
Adjustable Voltage Output Range
Readback Capability
DSP/Microcontroller Compatible Serial Interface
Output Impedance 0.5
Output Voltage Span 10 V
Temperature Range –40 C to +85 C
APPLICATIONS
Automatic Test Equipment
Optical Networks
Level Setting
Instrumentation
Industrial Control Systems
Data Acquisition
Low Cost I/O
GENERAL DESCRIPTION
The AD5532B is a 32-channel, voltage output, 14-bit DAC with
an additional precision infinite sample-and-hold mode. The
selected DAC register is written to via the 3-wire serial inter-
face and VOUT for this DAC is then updated to reflect the new
contents of the DAC register. DAC selection is accomplished via
address bits A0–A4. The output voltage range is determined by
the offset voltage at the OFFS_IN pin and the gain of the
output amplifier. It is restricted to a range from VSS + 2 V to
VDD – 2 V because of the headroom of the output amplifier.
The device is operated with AVCC = +5 V
± 5%, DV
CC = +2.7 V
to +5.25 V, VSS = –4.75 V to –16.5 V, and VDD = +8 V to +16.5 V
and requires a stable 3 V reference on REF_IN as well as an
offset voltage on OFFS_IN.
PRODUCT HIGHLIGHTS
1. 32-channel, 14-bit DAC in one package, guaranteed
monotonic.
2. The AD5532B is available in a 74-lead CSPBGA with a body
size of 12 mm
12 mm.
3. In infinite sample-and-hold mode, a total unadjusted error of
±2.5 mV is achieved by laser-trimming on-chip resistors.
*Protected by U.S. Patent No. 5,969,657; other patents pending.


Similar Part No. - AD5532ABC-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5532ABC-2 AD-AD5532ABC-2 Datasheet
224Kb / 16P
32-Channel Infinite Sample-and-Hold
REV.0
AD5532ABC-2 AD-AD5532ABC-2 Datasheet
353Kb / 16P
32-Channel Precision Infinite Sample-and-Hold
9/02-Data Sheet changed from REV. 0 to REV. A.
More results

Similar Description - AD5532ABC-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5533 AD-AD5533 Datasheet
224Kb / 16P
32-Channel Infinite Sample-and-Hold
REV.0
logo
Maxim Integrated Produc...
DS4303 MAXIM-DS4303 Datasheet
421Kb / 8P
Voltage Sample and Infinite Hold
Rev 0; 3/05
MAX5631 MAXIM-MAX5631 Datasheet
690Kb / 16P
16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
DS4305 MAXIM-DS4305 Datasheet
229Kb / 8P
Sample-and-Infinite Hold Voltage Reference
Rev 0; 1/06
logo
Analog Devices
AD5533B AD-AD5533B Datasheet
353Kb / 16P
32-Channel Precision Infinite Sample-and-Hold
9/02-Data Sheet changed from REV. 0 to REV. A.
logo
Maxim Integrated Produc...
MAX5631 MAXIM-MAX5631_06 Datasheet
690Kb / 16P
16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
logo
Analog Devices
AD883B AD-AD883B_15 Datasheet
297Kb / 7P
Precision Sample and Hold with 16 Channel Multiplexer
REV. A
AD5533 AD-AD5533_15 Datasheet
288Kb / 16P
32-Channel Infinite Sample-and-Hold
REV. A
AD5533B AD-AD5533B_15 Datasheet
229Kb / 16P
32-Channel Precision Infinite Sample-and-Hold
REV. A
logo
Maxim Integrated Produc...
MAX5331 MAXIM-MAX5331 Datasheet
900Kb / 16P
12-Bit DACs with 32-Channel Sample-and-Hold Outputs
19-3563; Rev 1; 5/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com