Electronic Components Datasheet Search
  English  ▼

X  

AD5532ABC-2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5532ABC-2
Description  32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5532ABC-2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5532ABC-2 Datasheet HTML 8Page - Analog Devices AD5532ABC-2 Datasheet HTML 9Page - Analog Devices AD5532ABC-2 Datasheet HTML 10Page - Analog Devices AD5532ABC-2 Datasheet HTML 11Page - Analog Devices AD5532ABC-2 Datasheet HTML 12Page - Analog Devices AD5532ABC-2 Datasheet HTML 13Page - Analog Devices AD5532ABC-2 Datasheet HTML 14Page - Analog Devices AD5532ABC-2 Datasheet HTML 15Page - Analog Devices AD5532ABC-2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
09/19/02 2:30 PM_GS
REV. A
–16–
AD5532B
The power supply lines of the AD5532B should use as large a trace
as possible to provide low impedance paths and reduce the effects of
glitches on the power supply line. Fast switching signals such as
clocks should be shielded with digital ground to avoid radiating
noise to other parts of the board, and should never be run near
the reference inputs. A ground line routed between the DIN and
SCLK lines will help reduce crosstalk between them (not required
on a multilayer board as there will be a separate ground plane,
but separating the lines will help).
Note that it is essential to minimize noise on VIN and REFIN
lines. Particularly for optimum ISHA performance, the VIN line
must be kept noise-free. Depending on the noise performance of
the board, a noise filtering capacitor may be required on the VIN
line. If this capacitor is necessary, then for optimum throughput
it may be necessary to buffer the source that is driving VIN.
Avoid crossover of digital and analog signals. Traces on opposite
sides of the board should run at right angles to each other. This
reduces the effects of feedthrough through the board. A microstrip
technique is by far the best, but not always possible with a double-
sided board. In this technique, the component side of the board
is dedicated to ground plane while signal traces are placed on the
solder side.
As is the case for all thin packages, care must be taken to avoid
flexing the package and to avoid a point load on the surface of
the package during the assembly process.
OUTLINE DIMENSIONS
74-Lead Chip Scale Ball Grid Array [CSPBGA]
(BC-74)
Dimensions shown in millimeters
A
B
C
D
E
F
G
H
J
K
L
11 10 9 8
7 6
5 4 3 2
1
1.00
BSC
1.00 BSC
BOT TOM
VIEW
A1
TOP VIEW
DETAIL A
1.70
MAX
12.00 BSC
SQ
10.00 BSC
SQ
A1 CORNER
INDEX AREA
SEATING
PLANE
DETAIL A
BALL DIAMETER
0.30 MIN
0.70
0.60
0.50
0.20 MAX
COPLANARITY
COMPLIANT TO JEDEC STANDARDS MO-192ABD-1
Revision History
Location
Page
9/02—Data Sheet changed from REV. 0 to REV. A.
Term LFBGA updated to CSPBGA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Global
Changes to SERIAL INTERFACE table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Replaced Figure 5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5
Changes to ABSOLUTE MAXIMUM RATINGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Changes to Figure 8 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Updated BC-74 package drawing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com