Electronic Components Datasheet Search
  English  ▼

X  

BF550 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BF550
Description  PNP medium frequency transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF550 Datasheet(HTML) 2 Page - NXP Semiconductors

  BF550 Datasheet HTML 1Page - NXP Semiconductors BF550 Datasheet HTML 2Page - NXP Semiconductors BF550 Datasheet HTML 3Page - NXP Semiconductors BF550 Datasheet HTML 4Page - NXP Semiconductors BF550 Datasheet HTML 5Page - NXP Semiconductors BF550 Datasheet HTML 6Page - NXP Semiconductors BF550 Datasheet HTML 7Page - NXP Semiconductors BF550 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Apr 15
2
Philips Semiconductors
Product specification
PNP medium frequency transistor
BF550
FEATURES
• Low current (max. 25 mA)
• Low voltage (max. 40 V).
APPLICATIONS
• Medium frequency applications in thick and thin film
circuits.
DESCRIPTION
PNP medium frequency transistor in a SOT23 plastic
package.
MARKING
Note
1.
∗ = p : Made in Hong Kong.
∗ = t : Made in Malaysia.
TYPE NUMBER
MARKING CODE(1)
BF550
LA
∗
PINNING
PIN
DESCRIPTION
1
base
2
emitter
3
collector
Fig.1
Simplified outline (SOT23) and symbol.
handbook, halfpage
2
1
3
MAM256
Top view
2
3
1
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Transistor mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−40
V
VCEO
collector-emitter voltage
open base
−−40
V
VEBO
emitter-base voltage
open collector
−−4V
IC
collector current (DC)
−−25
mA
ICM
peak collector current
−−25
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com