Electronic Components Datasheet Search
  English  ▼

X  

BF550 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BF550
Description  PNP medium frequency transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF550 Datasheet(HTML) 3 Page - NXP Semiconductors

  BF550 Datasheet HTML 1Page - NXP Semiconductors BF550 Datasheet HTML 2Page - NXP Semiconductors BF550 Datasheet HTML 3Page - NXP Semiconductors BF550 Datasheet HTML 4Page - NXP Semiconductors BF550 Datasheet HTML 5Page - NXP Semiconductors BF550 Datasheet HTML 6Page - NXP Semiconductors BF550 Datasheet HTML 7Page - NXP Semiconductors BF550 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Apr 15
3
Philips Semiconductors
Product specification
PNP medium frequency transistor
BF550
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −30 V
−−−50
nA
IEBO
emitter cut-off current
IC = 0; VEB = −3V
−−−100
nA
hFE
DC current gain
IC = −1 mA; VCE = −10 V
50
−−
VBE
base-emitter voltage
IC = −1 mA; VCE = −10 V
−
750
−
mV
Cre
feedback capacitance
IC = −1 mA; VCB = −10 V; f = 1 MHz
−
0.5
−
pF
fT
transition frequency
IC = −1 mA; VCE = −10 V; f = 100 MHz
−
325
−
MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com