Electronic Components Datasheet Search
  English  ▼

X  

AD8682 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8682
Description  Dual/Quad Low Power, High Speed JFET Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8682 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8682 Datasheet HTML 3Page - Analog Devices AD8682 Datasheet HTML 4Page - Analog Devices AD8682 Datasheet HTML 5Page - Analog Devices AD8682 Datasheet HTML 6Page - Analog Devices AD8682 Datasheet HTML 7Page - Analog Devices AD8682 Datasheet HTML 8Page - Analog Devices AD8682 Datasheet HTML 9Page - Analog Devices AD8682 Datasheet HTML 10Page - Analog Devices AD8682 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8682/AD8684
Rev. 0 | Page 7 of 16
LOAD RESISTANCE (Ω)
0
6
16
1k
10k
100
2
4
VS = ±15V
TA = 25°C
VOL
VOH
12
8
10
14
Figure 15. Absolute Output Voltage vs. Load Resistance
FREQUENCY (Hz)
1k
–60
40
140
10k
1M
100
100k
0
20
–40
–20
60
100
120
80
–PSRR
+PSRR
VS = ±15V
TA = 25°C
Figure 16. AD8682 PSRR vs. Frequency
TEMPERATURE (°C)
–50
0
14
125
25
4
75
0
6
12
8
10
–25
50
100
2
SINK
SOURCE
VS = ±15V
TA = 25°C
Figure 17. AD8682 Short-Circuit Current vs. Temperature
FREQUENCY (Hz)
100
0
5
25
30
1k
100k
1M
10k
15
20
10
VS = ±15V
TA = 25°C
RL = 10kΩ
AVCL = 1
Figure 18. Maximum Output Swing vs. Frequency
FREQUENCY (Hz)
1k
–60
40
140
10k
1M
100
100k
0
20
–40
–20
60
100
120
80
VS = ±15V
TA = 25°C
Figure 19. AD8682 CMRR vs. Frequency
20
18
16
14
12
10
8
6
4
2
0
–1.0 –0.8 –0.6
–0.4 –0.2
0
0.2
0.4
0.6
0.8
1.0
VOS (µV)
VS = ±15V
TA = 25°C
100 ×AD8682
(200 OP AMPS)
Figure 20. AD8682 VOS Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com