Electronic Components Datasheet Search
  English  ▼

X  

AD8682 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8682
Description  Dual/Quad Low Power, High Speed JFET Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8682 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8682 Datasheet HTML 6Page - Analog Devices AD8682 Datasheet HTML 7Page - Analog Devices AD8682 Datasheet HTML 8Page - Analog Devices AD8682 Datasheet HTML 9Page - Analog Devices AD8682 Datasheet HTML 10Page - Analog Devices AD8682 Datasheet HTML 11Page - Analog Devices AD8682 Datasheet HTML 12Page - Analog Devices AD8682 Datasheet HTML 13Page - Analog Devices AD8682 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8682/AD8684
Rev. 0 | Page 10 of 16
APPLICATIONS INFORMATION
The AD8682 and AD8684 are dual and quad JFET op amps that
are optimized for high speed at low power. This combination
makes these amplifiers excellent choices for battery-powered or
low power applications that require above average performance.
Applications benefiting from this performance combination
include telecommunications, geophysical exploration, portable
medical equipment, and navigational instrumentation.
HIGH-SIDE SIGNAL CONDITIONING
There are many applications requiring the sensing of signals near
the positive rail. The AD8682 and the AD8684 were tested and
are guaranteed over a common-mode range (−11 V ≤ VCM ≤
+15 V) that includes the positive supply.
The AD8682/AD8684 are commonly used in the sensing of
power supply currents and in current sensing applications, such
as the partial circuit shown in Figure 32. In this circuit, the
voltage drop across a low value resistor, such as the 0.1 Ω shown
here, is amplified and compared to 7.5 V. The output can then
be used for current limiting.
1/2
AD8682
100kΩ
500kΩ
100kΩ
500kΩ
0.1Ω
15V
RL
Figure 32. High-Side Signal Conditioning
PHASE INVERSION
Most JFET input amplifiers invert the phase of the input signal
if either input exceeds the input common-mode range. For the
AD8682/AD8684, negative signals in excess of approximately
14 V cause phase inversion. This is caused by saturation of the
input stage leading to the forward-biasing of a drain-gate diode.
A simple fix for this in noninverting applications is to place
a resistor in series with the noninverting input. This limits the
amount of current through the forward-biased diode and prevents
shutting down of the output stage. For the AD8682/AD8684,
a value of 200 kΩ has been found to work; however, it adds
a significant amount of noise.
15
10
5
0
–5
–10
–15
15
10
5
0
–5
–10
–15
VIN
Figure 33. AD8682 Phase Reversal
ACTIVE FILTERS
The wide bandwidth and high slew rates of the AD8682/AD8684
make either one an excellent choice for many filter applications.
There are many active filter configurations, but the four most
popular configurations are: Butterworth, elliptical, Bessel, and
Chebyshev. Each type has a response that is optimized for a
given characteristic, as shown in Table 4.
Table 4.
Type
Selectivity
Overshoot
Phase
Amplitude (Pass Band)
Amplitude (Stop Band)
Butterworth
Moderate
Good
Maximum flat
Chebyshev
Good
Moderate
Nonlinear
Equal ripple
Elliptical
Best
Poor
Equal ripple
Equal ripple
Bessel (Thompson)
Poor
Best
Linear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com