Electronic Components Datasheet Search
  English  ▼

X  

AD8682ARZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD8682ARZ
Description  Dual/Quad Low Power, High Speed JFET Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8682ARZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8682ARZ Datasheet HTML 5Page - Analog Devices AD8682ARZ Datasheet HTML 6Page - Analog Devices AD8682ARZ Datasheet HTML 7Page - Analog Devices AD8682ARZ Datasheet HTML 8Page - Analog Devices AD8682ARZ Datasheet HTML 9Page - Analog Devices AD8682ARZ Datasheet HTML 10Page - Analog Devices AD8682ARZ Datasheet HTML 11Page - Analog Devices AD8682ARZ Datasheet HTML 12Page - Analog Devices AD8682ARZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD8682/AD8684
Rev. 0 | Page 9 of 16
1k
10k
100k
1M
10M
FREQUENCY (Hz)
PSRR+
PSRR–
VS = ±15V
140
120
100
80
60
40
20
0
Figure 27. AD8684 PSRR vs. Frequency
14
12
10
8
6
4
2
0
–50
–25
0
25
50
75
100
TEMPERATURE (°C)
125
SINK
SOURCE
Figure 28. AD8684 Short-Circuit Current vs. Temperature
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VS = ±15V
140
120
100
80
60
40
20
0
Figure 29. AD8684 CMRR vs. Frequency
VS = ±15V
TA = 25°C
100 × AD8684
(400 OP AMPS)
40
35
30
25
20
15
10
5
0
–1.0 –0.8 –0.6
1.0
VOS (µV)
–0.4 –0.2
0
0.2
0.4
0.6
0.8
Figure 30. AD8684 VOS Distribution Package
VS = ±15V
300 × OP282
(1200 OP AMPS)
800
700
600
500
400
300
200
100
0
TCVOS (µV/°C)
24
60
56
52
48
44
40
36
32
28
20
16
12
8
4
0
Figure 31. AD8684 TCVOS Distribution Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com