Electronic Components Datasheet Search
  English  ▼

X  

AD8682ARZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD8682ARZ
Description  Dual/Quad Low Power, High Speed JFET Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8682ARZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8682ARZ Datasheet HTML 8Page - Analog Devices AD8682ARZ Datasheet HTML 9Page - Analog Devices AD8682ARZ Datasheet HTML 10Page - Analog Devices AD8682ARZ Datasheet HTML 11Page - Analog Devices AD8682ARZ Datasheet HTML 12Page - Analog Devices AD8682ARZ Datasheet HTML 13Page - Analog Devices AD8682ARZ Datasheet HTML 14Page - Analog Devices AD8682ARZ Datasheet HTML 15Page - Analog Devices AD8682ARZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD8682/AD8684
Rev. 0 | Page 13 of 16
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AB
14
8
7
1
6.20 (0.2441)
5.80 (0.2283)
4.00 (0.1575)
3.80 (0.1496)
8.75 (0.3445)
8.55 (0.3366)
1.27 (0.0500)
BSC
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0039)
0.51 (0.0201)
0.31 (0.0122)
1.75 (0.0689)
1.35 (0.0531)
0.50 (0.0197)
0.25 (0.0098)
1.27 (0.0500)
0.40 (0.0157)
0.25 (0.0098)
0.17 (0.0067)
COPLANARITY
0.10
8°
0°
45°
Figure 37. 14-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
(R-14)
Dimensions shown in millimeters and (inches)
4.50
4.40
4.30
14
8
7
1
6.40
BSC
PIN 1
5.10
5.00
4.90
0.65
BSC
SEATING
PLANE
0.15
0.05
0.30
0.19
1.20
MAX
1.05
1.00
0.80
0.20
0.09
8°
0°
0.75
0.60
0.45
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153-AB-1
Figure 38. 14-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-14)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD8682ARZ1
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8682ARZ-REEL1
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8682ARZ-REEL71
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8682ARMZ-R21
−40°C to +85°C
8-Lead MSOP
RM-8
A1K
AD8682ARMZ-REEL1
−40°C to +85°C
8-Lead MSOP
RM-8
A1K
AD8684ARZ1
−40°C to +85°C
14-Lead SOIC_N
R-14
AD8684ARZ-REEL1
−40°C to +85°C
14-Lead SOIC_N
R-14
AD8684ARZ-REEL71
−40°C to +85°C
14-Lead SOIC_N
R-14
AD8684ARUZ1
−40°C to +85°C
14-Lead TSSOP
RU-14
AD8684ARUZ_REEL1
−40°C to +85°C
14-Lead TSSOP
RU-14
1 Z= Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com