Electronic Components Datasheet Search
  English  ▼

X  

THS4520 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS4520
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER WITH RAIL-TO-RAIL OUTPUTS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4520 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS4520 Datasheet HTML 9Page - Texas Instruments THS4520 Datasheet HTML 10Page - Texas Instruments THS4520 Datasheet HTML 11Page - Texas Instruments THS4520 Datasheet HTML 12Page - Texas Instruments THS4520 Datasheet HTML 13Page - Texas Instruments THS4520 Datasheet HTML 14Page - Texas Instruments THS4520 Datasheet HTML 15Page - Texas Instruments THS4520 Datasheet HTML 16Page - Texas Instruments THS4520 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
www.ti.com
-2
t − Time − 5ns/div
-1.5
-1
2
0
-2.5
-0.5
-0.5
1
2.5
1.5
V
=
V
V =
V
OD
PP
S
Gain=6dB
R =200
L
W
4
1.65
±
200
250
300
350
400
450
500
550
600
0
0.5
1
1.5
2
2.5
3
3.5
4
V
-DifferentialOutputVoltage-V
OD
PP
Gain=6dB
R =499
R =200
F
L
W
W
S
V =
.65V
±1
Fall
Rise
t −Time − 5ns/div
-1.5
-1
0
-0.5
-0.5
1
1.5
OD
PP
S
L
V
=
V
V =
5V
Gain=6dB
R =200
W
2
1.6
±
-90
-80
-40
-30
-20
0.1
1
1000
f-Frequency-MHz
-60
-50
10
100
-70
Gain=6dB
Gain=0dB
R =499
R =200
F
L
W
W
V
=1V
V = 1.65V
O
PP
S
±
-20
-17
-15
-13
-11
-7
-5
-3
-1
0
1
3
0.1
1
10
100
1000
f-Frequency-MHz
-19
V
R =499
R =200
Gain=0dB
=100mV
V = 1.65V
F
L
PP
S
W
W
O
±
2
-2
-4
-6
-9
-8
-10
-12
-14
-16
-18
THS4520
SLOS503A – SEPTEMBER 2006 – REVISED OCTOBER 2006
TRANSITION RATE vs OUTPUT VOLTAGE
TRANSIENT RESPONSE
Figure 24.
Figure 25.
TRANSIENT RESPONSE
OUTPUT BALANCE ERROR vs FREQUENCY
Figure 26.
Figure 27.
CM INPUT IMPEDANCE vs FREQUENCY
Figure 28.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com