Electronic Components Datasheet Search
  English  ▼

X  

THS4520 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # THS4520
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER WITH RAIL-TO-RAIL OUTPUTS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4520 Datasheet(HTML) 16 Page - Texas Instruments

Back Button THS4520 Datasheet HTML 12Page - Texas Instruments THS4520 Datasheet HTML 13Page - Texas Instruments THS4520 Datasheet HTML 14Page - Texas Instruments THS4520 Datasheet HTML 15Page - Texas Instruments THS4520 Datasheet HTML 16Page - Texas Instruments THS4520 Datasheet HTML 17Page - Texas Instruments THS4520 Datasheet HTML 18Page - Texas Instruments THS4520 Datasheet HTML 19Page - Texas Instruments THS4520 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
www.ti.com
APPLICATION INFORMATION
APPLICATIONS
Differential Input to Differential Output Amplifier
VS
Single-Ended
Input
VS
RF
RF
RG
RG
THS4520
Differential
Output
V
OUT+
V
OUT–
+
–
–
+
Input Common-Mode Voltage Range
R
F
V
OUT+
V
OUT–
V
S+
V
IN–
V
S–
R
F
R
G
R
G
V
IN+
THS4520
Differential
Input
Differential
Output
+
–
–
+
÷
÷
ø
ö
ç
ç
è
æ
+
´
+
÷
÷
ø
ö
ç
ç
è
æ
+
´
=
-
+
F
G
F
IN
F
G
G
OUT
IC
R
R
R
V
R
R
R
V
V
(1)
Single-Ended
Input
to
Differential
Output
Setting the Output Common-Mode Voltage
THS4520
SLOS503A – SEPTEMBER 2006 – REVISED OCTOBER 2006
The following circuits show application information
for the THS4520. For simplicity, power supply
decoupling capacitors are not shown in these
diagrams. For more detail on the use and operation
of fully differential op amps see application report
Fully-Differential Amplifiers (SLOA054) .
The THS4520 is a fully differential op amp, and can
be used to amplify differential input signals to
differential output signals. A basic block diagram of
Figure 34. Single-Ended Input to Differential
the circuit is shown in Figure 33 (CM input not
Output Amplifier
shown). The gain of the circuit is set by RF divided by
RG.
The
input
common-model
voltage
of
a
fully
differential op amp is the voltage at the '+' and '–'
input pins of the op amp.
It is important to not violate the input common-mode
voltage range (VICR) of the op amp. Assuming the op
amp is in linear operation, the differential voltage
across the input pins is only a few millivolts at most.
So finding the voltage at one input pin determines
the input common-mode voltage of the op amp.
Treating the negative input as a summing node, the
voltage is given by Equation 1:
Figure 33. Differential Input to Differential Output
Amplifier
To determine the VICR of the op amp, the voltage at
the negative input is evaluated at the extremes of
Depending on the source and load, input and output
VOUT+.
termination can be accomplished by adding RIT and
RO.
As the gain of the op amp increases, the input
common-mode voltage becomes closer and closer to
the input common-mode voltage of the source.
Amplifier
The THS4520 can be used to amplify and convert
single-ended input signals to differential output
The output common-mode voltage is set by the
signals. A basic block diagram of the circuit is shown
voltage at the CM pin(s). The internal common-mode
in Figure 34 (CM input not shown). The gain of the
control circuit maintains the output common-mode
circuit is again set by RF divided by RG.
voltage within 0.25-mV offset (typical) from the set
voltage, when set within
±0.5 V of mid-supply. If left
unconnected, the common-mode set point is set to
mid-supply by internal circuitry, which may be
over-driven from an external source. Figure 35 is
representative of the CM input. The internal CM
circuit has about 230 MHz of bandwidth, which is
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com