Electronic Components Datasheet Search
  English  ▼

X  

BF556C Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BF556C
Description  N-channel silicon junction field-effect transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF556C Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BF556C Datasheet HTML 3Page - NXP Semiconductors BF556C Datasheet HTML 4Page - NXP Semiconductors BF556C Datasheet HTML 5Page - NXP Semiconductors BF556C Datasheet HTML 6Page - NXP Semiconductors BF556C Datasheet HTML 7Page - NXP Semiconductors BF556C Datasheet HTML 8Page - NXP Semiconductors BF556C Datasheet HTML 9Page - NXP Semiconductors BF556C Datasheet HTML 10Page - NXP Semiconductors BF556C Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
1996 Jul 29
8
Philips Semiconductors
Product specification
N-channel silicon junction
field-effect transistors
BF556A; BF556B; BF556C
Fig.16 Common-source input admittance; typical
values.
VDS = 10 V; ID = 1 mA; Tamb =25 °C.
handbook, halfpage
MRC142
102
10−2
10
102
103
10−1
1
10
bis
gis
gis, bis
(mS)
f (MHz)
Fig.17 Common-source transfer admittance;
typical values.
VDS = 10 V; ID = 1 mA; Tamb =25 °C.
handbook, halfpage
MRC141
10
1
10−1
10
102
103
−bfs
gfs
gfs, −bfs
(mS)
f (MHz)
Fig.18 Common-source reverse admittance;
typical values.
VDS = 10 V; ID = 1 mA; Tamb =25 °C.
handbook, halfpage
MRC144
−10−3
−10−2
10
102
103
−10−1
−1
−10
brs
grs
brs, grs
(mS)
f (MHz)
VDS = 10 V; ID = 1 mA; Tamb =25 °C.
Fig.19 Common-source output admittance;
typical values.
handbook, halfpage
MRC143
10
1
10−1
10−2
10
102
103
bos
gos
bos, gos
(mS)
f (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com