Electronic Components Datasheet Search
  English  ▼

X  

BF556C Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BF556C
Description  N-channel silicon junction field-effect transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF556C Datasheet(HTML) 2 Page - NXP Semiconductors

  BF556C Datasheet HTML 1Page - NXP Semiconductors BF556C Datasheet HTML 2Page - NXP Semiconductors BF556C Datasheet HTML 3Page - NXP Semiconductors BF556C Datasheet HTML 4Page - NXP Semiconductors BF556C Datasheet HTML 5Page - NXP Semiconductors BF556C Datasheet HTML 6Page - NXP Semiconductors BF556C Datasheet HTML 7Page - NXP Semiconductors BF556C Datasheet HTML 8Page - NXP Semiconductors BF556C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1996 Jul 29
2
Philips Semiconductors
Product specification
N-channel silicon junction
field-effect transistors
BF556A; BF556B; BF556C
FEATURES
• Low leakage level (typ. 500 fA)
• High gain
• Low cut-off voltage.
APPLICATIONS
• Impedance converters in e.g. electret microphones and
infra-red detectors
• VHF amplifiers in oscillators and mixers.
DESCRIPTION
N-channel symmetrical silicon junction field-effect
transistors in a SOT23 package.
PINNING - SOT23
PIN
SYMBOL
DESCRIPTION
1
s
source
2
d
drain
3
g
gate‘
CAUTION
The device is supplied in an antistatic package. The
gate-source input must be protected against static
discharge during transport or handling.
Fig.1 Simplified outline and symbol.
Marking codes:
BF556A: M84.
BF556B: M85.
BF556C: M86.
handbook, halfpage
s
d
g
21
3
MAM036
Top view
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage (DC)
−±30
V
VGSoff
gate-source cut-off voltage
ID = 200 µA; VDS =15V
−0.5
−7.5
V
IDSS
drain current
VGS = 0; VDS =15V
BF556A
3
7
mA
BF556B
6
13
mA
BF556C
11
18
mA
Ptot
total power dissipation
up to Tamb =25 °C
−
250
mW
y
fs
forward transfer admittance
VGS = 0; VDS =15V
4.5
−
mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com