Electronic Components Datasheet Search
  English  ▼

X  

AD9755AST Datasheet(PDF) 15 Page - Analog Devices

Part # AD9755AST
Description  14-Bit, 300 MSPS High Speed TxDAC D/A Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9755AST Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9755AST Datasheet HTML 11Page - Analog Devices AD9755AST Datasheet HTML 12Page - Analog Devices AD9755AST Datasheet HTML 13Page - Analog Devices AD9755AST Datasheet HTML 14Page - Analog Devices AD9755AST Datasheet HTML 15Page - Analog Devices AD9755AST Datasheet HTML 16Page - Analog Devices AD9755AST Datasheet HTML 17Page - Analog Devices AD9755AST Datasheet HTML 18Page - Analog Devices AD9755AST Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
REV. B
AD9755
–15–
The AD9755 features a flexible differential clock input operating
from separate supplies (i.e., CLKVDD, CLKCOM) to achieve
optimum jitter performance. The two clock inputs, CLK+ and
CLK–, can be driven from a single-ended or differential clock
source. For single-ended operation, CLK+ should be driven by
a logic source while CLK– should be set to the threshold voltage
of the logic source. This can be done via a resistor divider/
capacitor network, as shown in Figure 15a. For differential opera-
tion, both CLK+ and CLK– should be biased to CLKVDD/2
via a resistor divider network, as shown in Figure 15b.
Because the output of the AD9755 can be updated at up to
300 MSPS, the quality of the clock and data input signals are
important in achieving the optimum performance. The drivers
of the digital data interface circuitry should be specified to
meet the minimum setup-and-hold times of the AD9755 as
well as its required min/max input logic level thresholds.
Digital signal paths should be kept short and run lengths matched
to avoid propagation delay mismatch. Inserting a low value
resistor network (i.e., 20
Ω to 100 Ω) between the AD9755 digi-
tal inputs and driver outputs may be helpful in reducing any
overshooting and ringing at the digital inputs that contribute to
data feedthrough. For longer run lengths and high data update
rates, strip line techniques with proper termination resistors
should be considered to maintain “clean” digital inputs.
The external clock driver circuitry should provide the AD9755
with a low jitter clock input meeting the min/max logic levels
while providing fast edges. Fast clock edges help minimize any
jitter that manifests itself as phase noise on a reconstructed
waveform. Thus, the clock input should be driven by the fastest
logic family suitable for the application.
Note that the clock input could also be driven via a sine wave
that is centered around the digital threshold (i.e., DVDD/2) and
meets the min/max logic threshold. This typically results in a
slight degradation in the phase noise, which becomes more
noticeable at higher sampling rates and output frequencies. Also,
at higher sampling rates, the 20% tolerance of the digital logic
threshold should be considered since it affects the effective clock
duty cycle and, subsequently, cuts into the required data setup-
and-hold times.
RSERIES
0.1 F
VTHRESHOLD
CLK+
CLKVDD
CLK–
CLKCOM
AD9755
Figure 15a. Single-Ended Clock Interface
0.1 F
CLK+
CLKVDD
CLK–
CLKCOM
AD9755
0.1 F
0.1 F
Figure 15b. Differential Clock Interface
INPUT CLOCK AND DATA TIMING RELATIONSHIP
SNR in a DAC is dependent on the relationship between the
position of the clock edges and the point in time at which the
input data changes. The AD9755 is rising edge triggered, and so
exhibits SNR sensitivity when the data transition is close to this
edge. In general, the goal when applying the AD9755 is to make
the data transition close to the falling clock edge. This becomes
more important as the sample rate increases. Figure 16 shows
the relationship of SNR to clock placement with different sample
rates. Note that the setup-and-hold times implied in Figure 16
appear to violate the maximums stated in the Digital Specifica-
tions table. The variation in Figure 16 is due to the skew present
between data bits inherent in the digital data generator used to
perform these tests. Figure 16 is presented to show the effects of
violating setup-and-hold times, and to show the insensitivity of the
AD9755 to clock placement when data transitions fall outside of
the so-called “bad window.” The setup-and-hold times stated in
the Digital Specifications table were measured on a bit-by-bit basis,
therefore eliminating the skew present in the digital data generator.
At higher data rates, it becomes very important to account for the
skew in the input digital data when defining timing specifications.
TIME OF DATA TRANSITION RELATIVE TO PLACEMENT OF
CLK RISING EDGE (ns), fOUT = 10MHz, fDAC = 300MHz
80
40
0
3
0
–3
60
20
70
30
50
10
–2
–1
1
2
Figure 16. SNR vs. Time of Data Transition Relative to
Clock Rising Edge
POWER DISSIPATION
The power dissipation, PD, of the AD9755 is dependent on sev-
eral factors that include the power supply voltages (AVDD and
DVDD), the full-scale current output IOUTFS, the update rate
fCLOCK, and the reconstructed digital input waveform. The power
dissipation is directly proportional to the analog supply current,
IAVDD, and the digital supply current, IDVDD. IAVDD is directly
proportional to IOUTFS, as shown in Figure 17, and is insensitive
to fCLOCK. Conversely, IDVDD is dependent on both the digital
input waveform, fCLOCK, and digital supply DVDD. Figure 18
shows IDVDD as a function of the ratio (fOUT/fDAC) for various
update rates. In addition, Figure 19 shows the effect that the
speed of fDAC has on the PLLVDD current, given the PLL
divider ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com