Electronic Components Datasheet Search
  English  ▼

X  

ADM1063 Datasheet(PDF) 27 Page - Analog Devices

Part # ADM1063
Description  Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1063 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADM1063 Datasheet HTML 23Page - Analog Devices ADM1063 Datasheet HTML 24Page - Analog Devices ADM1063 Datasheet HTML 25Page - Analog Devices ADM1063 Datasheet HTML 26Page - Analog Devices ADM1063 Datasheet HTML 27Page - Analog Devices ADM1063 Datasheet HTML 28Page - Analog Devices ADM1063 Datasheet HTML 29Page - Analog Devices ADM1063 Datasheet HTML 30Page - Analog Devices ADM1063 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
ADM1063
Rev. 0 | Page 27 of 36
POWER-UP
(VCC > 2.5V)
EEPROM
E
E
P
R
O
M
L
D
D
A
T
A
R
A
M
L
D
U
P
D
SMBus
DEVICE
CONTROLLER
LATCH A
LATCH B
FUNCTION
(OV THRESHOLD
ON VP1)
Figure 38. Configuration Update Flow Diagram
UPDATING THE SEQUENCING ENGINE
Sequencing engine (SE) functions are not updated in the
same way as regular configuration latches. The SE has its
own dedicated 512-byte EEPROM for storing state definitions,
providing 63 individual states, each with a 64-bit word (one
state is reserved). At power-up, the first state is loaded from the
SE EEPROM into the engine itself. When the conditions of this
state are met, the next state is loaded from EEPROM into the
engine, and so on. The loading of each new state takes approxi-
mately 10 µs.
To alter a state, the required changes must be made directly to
EEPROM. RAM for each state does not exist. The relevant
alterations must be made to the 64-bit word, which is then
uploaded directly to EEPROM.
INTERNAL REGISTERS
The ADM1063 contains a large number of data registers. The
principal registers are the address pointer register and the
configuration registers.
Address Pointer Register
This register contains the address that selects one of the other
internal registers. When writing to the ADM1063, the first byte
of data is always a register address, which is written to the
address pointer register.
Configuration Registers
These registers provide control and configuration for various
operating parameters of the ADM1063.
EEPROM
The ADM1063 has two 512-byte cells of nonvolatile, electrically
erasable, programmable, read-only memory (EEPROM) from
Register Address 0xF800 to Register Address 0xFBFF. The
EEPROM is used for permanent storage of data that is not lost
when the ADM1063 is powered down. One EEPROM cell
contains the configuration data of the device; the other contains
the state definitions for the SE. Although referred to as read-only
memory, the EEPROM can be written to, as well as read from,
via the serial bus in exactly the same way as the other registers.
The major differences between the EEPROM and other
registers are as follows:
•
An EEPROM location must be blank before it can be
written to. If it contains data, it must first be erased.
•
Writing to EEPROM is slower than writing to RAM.
•
Writing to the EEPROM should be restricted, because it has
a limited write/cycle life of typically 10,000 write operations
due to the usual EEPROM wear-out mechanisms.
The first EEPROM is split into 16 (0 to 15) pages of 32 bytes each.
Pages 0 to 6, starting at Address 0xF800, hold the configuration
data for the applications on the ADM1063 (the SFDs, PDOs,
and so on). These EEPROM addresses are the same as the RAM
register addresses, prefixed by F8. Page 7 is reserved. Page 8 to
Page 15 are for customer use.
Data can be downloaded from EEPROM to RAM in one of the
following ways:
•
At power-up when Page 0 to Page 6 are downloaded.
•
By setting Bit 0 of the UDOWNLD register (0xD8), which
performs a user download of Page 0 to Page 6.
SERIAL BUS INTERFACE
The ADM1063 is controlled via the serial system management
bus (SMBus). The ADM1063 is connected to this bus as a slave
device, under the control of a master device. It takes approxi-
mately 1 ms after power-up for the ADM1063 to download
from its EEPROM. Therefore, access to the ADM1063 is
restricted until the download is completed.
Identifying the ADM1063 on the SMBus
The ADM1060 has a 7-bit serial bus slave address. The device is
powered up with a default serial bus address. The 5 MSBs of the
address are set to 01101, and the 2 LSBs are determined by the
logical states of Pin A1 and Pin A0. This allows the connection
of four ADM1063s to one SMBus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com