Electronic Components Datasheet Search
  English  ▼

X  

ADM1063 Datasheet(PDF) 30 Page - Analog Devices

Part # ADM1063
Description  Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1063 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADM1063 Datasheet HTML 26Page - Analog Devices ADM1063 Datasheet HTML 27Page - Analog Devices ADM1063 Datasheet HTML 28Page - Analog Devices ADM1063 Datasheet HTML 29Page - Analog Devices ADM1063 Datasheet HTML 30Page - Analog Devices ADM1063 Datasheet HTML 31Page - Analog Devices ADM1063 Datasheet HTML 32Page - Analog Devices ADM1063 Datasheet HTML 33Page - Analog Devices ADM1063 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
ADM1063
Rev. 0 | Page 30 of 36
•
To erase a page of EEPROM memory. EEPROM memory
can be written to only if it is unprogrammed. Before writing
to one or more EEPROM memory locations that are already
programmed, the page(s) containing those locations must
first be erased. EEPROM memory is erased by writing a
command byte.
The master sends a command code that tells the slave device
to erase the page. The ADM1063 command code for a page
erasure is 0xFE (1111 1110). Note that, for a page erasure
to take place, the page address must be given in the previous
write word transaction (see the Write Byte/Word section).
Also, Bit 2 in the UPDCFG register (Address 0x90) must
be set to 1.
24
13
5
6
SLAVE
ADDRESS
COMMAND
BYTE
(0xFE)
SW
A
A
P
Figure 43. EEPROM Page Erasure
As soon as the ADM1063 receives the command byte,
page erasure begins. The master device can send a stop
command as soon as it sends the command byte. Page
erasure takes approximately 20 ms. If the ADM1063 is
accessed before erasure is complete, it responds with a
no acknowledge (NACK).
Write Byte/Word
In a write byte/word operation, the master device sends a
command byte and one or two data bytes to the slave device,
as follows:
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address followed by the
write bit (low).
3.
The addressed slave device asserts ACK on SDA.
4.
The master sends a command code.
5.
The slave asserts ACK on SDA.
6.
The master sends a data byte.
7.
The slave asserts ACK on SDA.
8.
The master sends a data byte or asserts a stop condition.
9.
The slave asserts ACK on SDA.
10. The master asserts a stop condition on SDA to end
the transaction.
In the ADM1063, the write byte/word protocol is used for
three purposes:
•
To write a single byte of data to RAM. In this case, the
command byte is the RAM addresses from 0x00 to 0xDF
and the only data byte is the actual data, as shown in
Figure 44.
SLAVE
ADDRESS
RAM
ADDRESS
(0x00 TO 0xDF)
S
W A
DATA
AP
A
24
13
5
8
7
6
Figure 44. Single Byte Write to RAM
•
To set up a 2-byte EEPROM address for a subsequent
read, write, block read, block write, or page erase. In this
case, the command byte is the high byte of the EEPROM
addresses from 0xF8 to 0xFB. The only data byte is the low
byte of the EEPROM address, as shown in Figure 45.
SLAVE
ADDRESS
EEPROM
ADDRESS
HIGH BYTE
(0xF8 TO 0xFB)
SW A
EEPROM
ADDRESS
LOW BYTE
(0x00 TO 0xFF)
AP
A
24
13
5
8
7
6
Figure 45. Setting an EEPROM Address
Note that for page erasure, because a page consists of
32 bytes, only the 3 MSBs of the address low byte are
important. The lower five bits of the EEPROM address
low byte specify the addresses within a page and are
ignored during an erase operation.
•
To write a single byte of data to EEPROM. In this case, the
command byte is the high byte of the EEPROM addresses
from 0xF8 to 0xFB. The first data byte is the low byte of the
EEPROM address, and the second data byte is the actual
data, as shown in Figure 46.
SLAVE
ADDRESS
EEPROM
ADDRESS
HIGH BYTE
(0xF8 TO 0xFB)
SW A
EEPROM
ADDRESS
LOW BYTE
(0x00 TO 0xFF)
AP
A
24
13
5
10
7
A
9
DATA
8
6
Figure 46. Single Byte Write to EEPROM
Block Write
In a block write operation, the master device writes a block of
data to a slave device. The start address for a block write must
have been set previously. In the ADM1063, a send byte opera-
tion sets a RAM address, and a write byte/word operation sets
an EEPROM address, as follows:
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address followed by
the write bit (low).
3.
The addressed slave device asserts ACK on SDA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com