Electronic Components Datasheet Search
  English  ▼

X  

CSD02060 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CSD02060
Description  Silicon Carbide Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CSD02060 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CSD02060 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSD02060 Datasheet HTML 2Page - List of Unclassifed Manufacturers CSD02060 Datasheet HTML 3Page - List of Unclassifed Manufacturers CSD02060 Datasheet HTML 4Page - List of Unclassifed Manufacturers CSD02060 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
CSD02060 Rev. -
Electrical Characteristics
Symbol
Parameter
Typ.
Max.
Unit
Test Conditions
Note
V
F
Forward Voltage
1.6
2.0
1.8
2.4
V
I
F = 2A
T
J=25°C
I
F = 2A
T
J=175°C
I
R
Reverse Current
50
100
200
1000
μA
V
R = 600V
T
J=25°C
V
R = 600V
T
J=175°C
Q
C
Total Capacitive Charge
7
nC
V
R = 600V, IF = 1A
di/dt = 500 A/μs
T
J = 25°C
C
Total Capacitance
120
20
15
pF
V
R = 0V, TJ = 25°C, f = 1MHz
V
R = 200V, TJ = 25˚C, f = 1MHz
V
R = 400V, TJ = 25˚C, f = 1MHz
Note:
This is a majority carrier diode, so there is no reverse recovery charge.
Thermal Characteristics
Symbol Parameter
Typ.
Max.
Unit
Test Conditions
Note
R
θJC
Thermal Resistance from Junction
to Case
4.7
°C/W
R
θJA
Thermal Resistance from Junction
to Ambient
53
°C/W
Typical Performance
1.
Figure 1. Forward Characteristics
0
1
2
3
4
5
6
7
8
9
10
11
12
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VF Forward Voltage (V)
T
J = 25°C
T
J = 75°C
T
J = 125°C
T
J = 175°C
Figure 2. Reverse Characteristics
0
20
40
60
80
100
120
140
160
180
200
0
200
400
600
800
VR Reverse Voltage (V)
T
J = 25°C
T
J = 75°C
T
J = 125°C
T
J = 175°C
4
3
2
1
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com