Electronic Components Datasheet Search
  English  ▼

X  

CSD02060 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CSD02060
Description  Silicon Carbide Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CSD02060 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CSD02060 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSD02060 Datasheet HTML 2Page - List of Unclassifed Manufacturers CSD02060 Datasheet HTML 3Page - List of Unclassifed Manufacturers CSD02060 Datasheet HTML 4Page - List of Unclassifed Manufacturers CSD02060 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image

Subject to change without notice.
www.cree.com/power
CSD02060–Silicon Carbide Schottky Diode
Zero recovery® RectifieR
V
RRM
= 600V
I
F(AVG) = 2A
Q
c
= 7nC
Features
600-Volt Schottky Rectifier
Zero Reverse Recovery
Zero Forward Recovery
High-Frequency Operation
Temperature-Independent Switching Behavior
Extremely Fast Swtitching
Positive Temperature Coefficient on V
F
Benefits
Replace Bipolar with Unipolar Rectifiers
Essentially No Switching Losses
Higher Efficiency
Reduction of Heat Sink Requirements
Parallel Devices Without Thermal Runaway
Applications
Switch Mode Power Supplies
Power Factor Correction
- Typical PFC P
out : 200W-400W
Motor Drives
- Typical Power : 0.50HP-1.0HP
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
Package
TO-263-2
TO-220-2
Maximum Ratings
Symbol
Parameter
Value Unit
Test Conditions
Note
V
RRM
Repetitive Peak Reverse Voltage
600
V
V
RSM
Surge Peak Reverse Voltage
600
V
V
DC
DC Blocking Voltage
600
V
I
F(AVG)
Average Forward Current
2
3.5
A
T
C=150˚C, DC
T
C=125˚C, DC
I
F(PEAK)
Peak Forward Current
5
A
T
C=125˚, TREP<1mS, Duty=0.5
I
FRM
Repetitive Peak Forward Surge Current
10
A
T
C=25˚C, tP=8.3ms, Half Sine Wave
I
FSM
Non-Repetitive Peak Forward Surge Current
40
A
T
C=25˚C, tP=10µs, Pulse
P
tot
Power Dissipation
43
14
W
T
C=25˚C
T
C=125˚C
T
J , Tstg
Operating Junction and Storage Temperature
-55 to
+175
˚C
PIN 1
PIN 2
CASE
Part Number
Package
Marking
CSD02060A
TO-220-2
CSD02060
CSD02060G
TO-263-2
CSD02060


Similar Part No. - CSD02060

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CSD02060 CREE-CSD02060 Datasheet
520Kb / 6P
Silicon Carbide Schottky Diode
CSD02060A CREE-CSD02060A Datasheet
520Kb / 6P
Silicon Carbide Schottky Diode
CSD02060G CREE-CSD02060G Datasheet
520Kb / 6P
Silicon Carbide Schottky Diode
More results

Similar Description - CSD02060

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
Silicon Carbide Schottky Diode
2004-02-11
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
Silicon Carbide Schottky Diode
2001-09-07
SDT05S60 INFINEON-SDT05S60 Datasheet
353Kb / 8P
Silicon Carbide Schottky Diode
Rev. 2.1 2005-02-17
SDP06S60 INFINEON-SDP06S60_08 Datasheet
644Kb / 9P
Silicon Carbide Schottky Diode
Rev. 2.4 2008-06-02
logo
Cree, Inc
C3D08065A CREE-C3D08065A Datasheet
544Kb / 6P
Silicon Carbide Schottky Diode
C4D08120E CREE-C4D08120E Datasheet
643Kb / 6P
Silicon Carbide Schottky Diode
C3D08065I CREE-C3D08065I Datasheet
509Kb / 6P
Silicon Carbide Schottky Diode
C3D03065E CREE-C3D03065E Datasheet
941Kb / 6P
Silicon Carbide Schottky Diode
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com