Electronic Components Datasheet Search
  English  ▼

X  

TLS1215 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLS1215
Description  WIDE-BAND VIDEO PREAMPLIFIER SYSTEM WITH BLANKING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLS1215 Datasheet(HTML) 4 Page - Texas Instruments

  TLS1215 Datasheet HTML 1Page - Texas Instruments TLS1215 Datasheet HTML 2Page - Texas Instruments TLS1215 Datasheet HTML 3Page - Texas Instruments TLS1215 Datasheet HTML 4Page - Texas Instruments TLS1215 Datasheet HTML 5Page - Texas Instruments TLS1215 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLS1215
WIDE-BAND VIDEO PREAMPLIFIER SYSTEM WITH BLANKING
SLVS096A – OCTOBER 1995
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
CONTRAST
CAP 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
CONTRAST
CAP 2
R VIDEO IN
R CLAMP CAP
G VIDEO IN
GND
G CLAMP CAP
B VIDEO IN
B CLAMP CAP
VCC1
CONTRAST
BLANK GATE
CLAMP GATE
R CLAMP(+)
R VIDEO OUT
VCC1
GND
VCC2
GND
G VIDEO OUT
G CLAMP(+)
G GAIN ADJUST
B VIDEO OUT
B CLAMP(+)
B GAIN ADJUST
4 V
4 V
4 V
4 V
4 V
4 V
To Blue Cascode Driver
To Green Cascode Drive
To Red Cascode Driver
390
Ω
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
390
Ω
390
Ω
75
Ω
0.1
µF
10
µF
75
Ω
0.1
µF
10
µF
0.1
µF
75
Ω
0.1
µF
10
µF
4 V
0.1
µF
0.1
µF
0.1
µF
CLAMP GATE
BLANK GATE
Red Video In
Green Video In
Blue Video In
R GAIN ADJUST
VCC1
VCC1
12 V
Figure 1. Test /Application Circuit
† Minimum CLAMP GATE pulse: 300 ns
CLAMP GATE †
BLANK GATE
Video
Figure 2. Test/Application Circuit Timing Diagram



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com