Electronic Components Datasheet Search
  English  ▼

X  

TLS1215 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLS1215
Description  WIDE-BAND VIDEO PREAMPLIFIER SYSTEM WITH BLANKING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLS1215 Datasheet(HTML) 1 Page - Texas Instruments

  TLS1215 Datasheet HTML 1Page - Texas Instruments TLS1215 Datasheet HTML 2Page - Texas Instruments TLS1215 Datasheet HTML 3Page - Texas Instruments TLS1215 Datasheet HTML 4Page - Texas Instruments TLS1215 Datasheet HTML 5Page - Texas Instruments TLS1215 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLS1215
WIDE-BAND VIDEO PREAMPLIFIER SYSTEM WITH BLANKING
SLVS096A – OCTOBER 1995
Copyright
© 1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• Wide Bandwidth . . . Typ 100 MHz at –3 dB
• 0-V to 4-V Digital Level-Contrast Control
Voltage Range
• 0-V to 4-V Digital Level-Gain Adjust Control
Voltage Range
• Individual Gain Adjust for Video Amplifiers
• Output-Stage Blanking
• Fewer Peripheral Components Required
Than for Competitive Systems
description
The TLS1215 is a wide-band video preamplifier
system
intended
for
high-resolution
RGB
(red-green-blue) color monitors with blanking
control features. Each video amplifier (R, G, and
B) contains a gain set for adjusting maximum
system gain. The TLS1215 provides digital
level-operated contrast, brightness, and gain adjustment. All the control inputs offer high input impedance and
an operation range from 0 V to 4 V for easy interface to the serial digital buses. The TLS1215 also contains a
blanking circuit, which clamps the video output voltage during blanking period to as low as 0.2 V above ground.
The device operates from a 12-V supply. The TLS1215 is characterized for operation from 0
°C to 70°C.
functional block diagram
CONTRAST CAP1
CONTRAST CAP2
BLANK GATE
CLAMP GATE
CONTRAST
B CLAMP CAP
B GAIN ADJUST
B VIDEO IN
G CLAMP CAP
G GAIN ADJUST
G VIDEO IN
R CLAMP CAP
R GAIN ADJUST
R VIDEO IN
VCC2
R VIDEO OUT
R CLAMP(+)
G VIDEO OUT
G CLAMP(+)
B VIDEO OUT
B CLAMP(+)
VCC1
GND
3, 11, 22, 25
7, 21, 24
17
19
20
27
26
23
16
4
5
28
6
8
18
9
10
15
12
1
2
14
13
A1
A2
A1
A2
A1
A2
Contrast
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
CONTRAST CAP1
CONTRAST CAP2
VCC1
R VIDEO IN
R CLAMP CAP
G VIDEO IN
GND
G CLAMP CAP
B VIDEO IN
B CLAMP CAP
VCC1
CONTRAST
BLANK GATE
CLAMP GATE
R GAIN ADJUST
R CLAMP(+)
R VIDEO OUT
VCC1
GND
VCC2
VCC1
GND
G VIDEO OUT
G CLAMP(+)
G GAIN ADJUST
B VIDEO OUT
B CLAMP(+)
B GAIN ADJUST
N PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TLS1215

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLS123 TOSHIBA-TLS123 Datasheet
416Kb / 4P
TOSHIBA LED LAMP
1996-09-20
logo
Texas Instruments
TLS1233 TI-TLS1233 Datasheet
120Kb / 7P
VIDEO PREAMPLIFIER SYSTEM
TLS1233 TI2-TLS1233 Datasheet
206Kb / 9P
VIDEO PREAMPLIFIER SYSTEM
REVISED JUNE 1996
TLS1233N TI-TLS1233N Datasheet
120Kb / 7P
VIDEO PREAMPLIFIER SYSTEM
TLS1233N TI2-TLS1233N Datasheet
206Kb / 9P
VIDEO PREAMPLIFIER SYSTEM
REVISED JUNE 1996
More results

Similar Description - TLS1215

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52737SP MITSUBISHI-M52737SP Datasheet
119Kb / 15P
3-CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING, RETRACE BLANKING
M52738P MITSUBISHI-M52738P Datasheet
24Kb / 3P
3-CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING, RETRACE BLANKING
logo
National Semiconductor ...
LM1205 NSC-LM1205 Datasheet
435Kb / 24P
130 MHz/85 MHz RGB Video Amplifier System with Blanking
LM1208 NSC-LM1208 Datasheet
917Kb / 23P
130 MHz/85 MHz RGB Video Amplifier System with Blanking
logo
Texas Instruments
TLS1233 TI-TLS1233 Datasheet
120Kb / 7P
VIDEO PREAMPLIFIER SYSTEM
logo
STMicroelectronics
TDA9201 STMICROELECTRONICS-TDA9201 Datasheet
709Kb / 12P
WIDE BAND VIDEO PREAMPLIFIER
Sep-1993
logo
National Semiconductor ...
LM1212 NSC-LM1212 Datasheet
299Kb / 18P
230 MHz Video Amplifier System with OSD Blanking
logo
Texas Instruments
LM1205A TI1-LM1205A Datasheet
1Mb / 26P
130 MHz/85 MHz RGB Video Amplifier System with Blanking
TLS1255 TI1-TLS1255 Datasheet
139Kb / 7P
VIDEO PREAMPLIFIER SYSTEM WITH ON-SCREEN DISPLAY (OSD)MIXER
logo
National Semiconductor ...
LM1209 NSC-LM1209 Datasheet
391Kb / 24P
130 MHz/100 MHz RGB Video Amplifier System with Blanking
January 1996
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com