Electronic Components Datasheet Search
  English  ▼

X  

PS4066CSD Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PS4066CSD
Description  Low-Cost, Quad, SPST, CMOS Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS4066CSD Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PS4066CSD Datasheet HTML 1Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 2Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 3Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 4Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 5Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 6Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 7Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 8Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
PS8184A
10/15/98
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS4066/PS4066A
Low-Cost, Quad, SPST, CMOS Analog Switches
Electrical Specifications - Single +3V Supply
(V+ = +2.7V to 3.3V, GND = 0V, V
INH = 2.4V, VINL = 0.8V)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
CC
°
p
m
e
T.
n
i
M
)
1
(
p
y
T
)
2
(
.
x
a
M
)
1
(
s
ti
n
U
h
c
ti
w
S
g
o
l
a
n
A
e
g
n
a
R
l
a
n
g
i
S
g
o
l
a
n
A
)
3
(
V
G
O
L
A
N
A
0+
VV
e
c
n
a
t
si
s
e
R
-
n
O
l
e
n
n
a
h
CR N
O
I
,
V
3
=
+
V
M
O
C
,
A
m
1
-
=
V O
N
V
5
.
1
=
5
20
7
1
Ω
ll
u
F5
2
2
c
i
m
a
n
y
D
e
m
i
T
-
n
O
-
n
r
u
T
)
3
(
t N
O
V
,
V
3
=
+
V
O
N
V
5
.
1
=
5
20
85
8
1
s
n
ll
u
F0
3
2
e
m
i
T
-f
f
O
-
n
r
u
T
)
3
(
t
)
F
F
O
(
V
,
V
3
=
+
V
O
N
V
5
.
1
=
5
20
40
5
1
ll
u
F0
0
2
n
o
it
c
e
j
n
I
e
g
r
a
h
C
)
3
(
Q
CL
V
,
F
n
1
=
N
E
G
,
V
0
=
R N
E
G
V
0
=
5
22
0
1C
p
y
l
p
p
u
S
t
n
e
rr
u
C
y
l
p
p
u
S
e
v
it
i
s
o
P+
I
V
,
V
3
.
3
=
+
V
N
I
,
+
V
r
o
V
0
=
ff
o
r
o
n
o
sl
e
n
n
a
h
c
ll
a
ll
u
F1
-1
0
0
.
01
µA
Notes:
1. The algebraic convention, where the most negative value is a minimum and the most positive is a maximum, is used in
this data sheet.
2. Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing.
3. Guaranteed by design
4.
∆RΟΝ = ∆RΟΝ max - ∆RΟΝ min
5. Flatness is defined as the difference between the maximum and minimum value of on-resistance measured.
6. Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at +25ºC.
7. Off Isolation = 20log10 [ VCOM / (VNO or VNO) ], VCOM = 0utput, VNC /VNO = input to off switch
8. Between any two switches.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com