Electronic Components Datasheet Search
  English  ▼

X  

PS4066CSD Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PS4066CSD
Description  Low-Cost, Quad, SPST, CMOS Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS4066CSD Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PS4066CSD Datasheet HTML 1Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 2Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 3Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 4Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 5Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 6Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 7Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 8Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
PS8184A
10/15/98
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS4066/PS4066A
Low-Cost, Quad, SPST, CMOS Analog Switches
Typical Operating Characteristics (TA = +25°C, unless otherwise noted)
Input Switching Threshold
vs. Supply Voltage
V + (V)
Temperature (°C)
Leakage Current vs. Temperature
Supply Current vs. VIN
V + (V)
VIN (V)
Temperature (°C)
Switching Current vs. Switching Frequency
Switching Times vs. Temperature
Supply Currents vs. Switching Frequency
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com