Electronic Components Datasheet Search
  English  ▼

X  

7B30 Datasheet(PDF) 4 Page - Analog Devices

Part # 7B30
Description  Isolated, Voltage or Current Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B30 Datasheet(HTML) 4 Page - Analog Devices

  7B30 Datasheet HTML 1Page - Analog Devices 7B30 Datasheet HTML 2Page - Analog Devices 7B30 Datasheet HTML 3Page - Analog Devices 7B30 Datasheet HTML 4Page - Analog Devices 7B30 Datasheet HTML 5Page - Analog Devices 7B30 Datasheet HTML 6Page - Analog Devices 7B30 Datasheet HTML 7Page - Analog Devices 7B30 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
7B30
Rev. 0 | Page 4 of 8
Input Bias Current
±1 nA
Input Resistance
Power ON
10 M
Ω
Power OFF
30 k
Ω, minimum
Output Noise
5 MHz Bandwidth
6 mV peak
10 Hz to 100 kHz Bandwidth
0.4 mV rms
0.1 Hz to 10 Hz Bandwidth
0.6 µV peak
Bandwidth, -3 dB
3 Hz
Output Rise Time, 10% to 90% Span
150 ms
Common-Mode Voltage (CMV)
Input-to-Output and Power
1500 V rms, continuous
Common Mode Rejection (CMR)
Input-to-Output and Power @ 50/60 Hz
160 dB
Normal Mode Rejection @ 50/60 Hz
60 dB
Input Protection
120 V rms, continuous±35 V dc, continuous
Input Transient Protection
ANSI/IEEE C376.90.1-1989IEEE-STD 472IEC 255-4, Class II
Output Resistance
< 1
Ω
Output Protection
Continuous Short to Ground
Power Supply
Voltage Range, Operating
+14 V dc to +35 V dc
Current
+25 mA, maximum
Sensitivity
±0.0001%/% of Vs
Mechanical Dimensions
1.663" x 2.11" x 0.563"(42.24 mm x 53.6 mm x 14.3 mm)
Weight
60 grams
Environmental
Temperature Range
Operating
-40°C to +85°C
Storage
-40°C to +85°C
Relative Humidity, 24 hours
0 to 90% @ +60°C non-condensing
ESD Sensitivity
IEC 801-2, Level 2
RFI Susceptibility
±0.5% Span error @ 400 MHz, 5 Watt, 3 ft
Warm-up time required to meet specifications is approximately 10 minutes.
* Contact factory for OEM requirements.
1 Model 7B30 may be used to measure a process current input by installing a 250
Ω current sensing resistor, such as Model AC1391, on the backplane. With this resistor, the current
loop is maintained even when the 7B30 module is removed form the backplane.
2 Includes the combined effects of repeatability, hysteresis, and nonlinearity.
3 Nonlinearity is calculated using best-fit straight line method.
4 Vz is the nominal input voltage that results in a 0 V output.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com