Electronic Components Datasheet Search
  English  ▼

X  

7B30 Datasheet(PDF) 2 Page - Analog Devices

Part # 7B30
Description  Isolated, Voltage or Current Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B30 Datasheet(HTML) 2 Page - Analog Devices

  7B30 Datasheet HTML 1Page - Analog Devices 7B30 Datasheet HTML 2Page - Analog Devices 7B30 Datasheet HTML 3Page - Analog Devices 7B30 Datasheet HTML 4Page - Analog Devices 7B30 Datasheet HTML 5Page - Analog Devices 7B30 Datasheet HTML 6Page - Analog Devices 7B30 Datasheet HTML 7Page - Analog Devices 7B30 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
7B30
Rev. 0 | Page 2 of 8
GENERAL DESCRIPTION
The 7B30 is a single-channel signal conditioning module that
interfaces, amplifies and filters unipolar and bipolar milli-vilt
and voltage inputs and provides a protected precision output of
either +1 V to +5 V or 0V to +10 V.
To measure a process current input, a plug-in 250W current
sensing resistor, Model AC1391, may be installed directly on the
7B backplane, using available pin sockets. The external current
sense resistor allows the current loop to be maintained even
when the module is removed from the backplane. Model 7B30
features a nonlinearity of +0.02% maximum and an accuracy of
+0.1% maximum (+0.01% typical). To accurately measure low
level signals in electrically noisy environments, 1500 V rms of
galvanic transformer-based isolation with a common mode
rejection (CMR) of 160 dB @ 50/60 Hz and a normal mode
rejection (NMR) of 60 dB @ 50/60 Hz are provided. Rated to
operate with a nominal +24 VDC supply, Model 7B30 is nix-
and-match and hot-swappable with other 7B Series input
modules, so it can be inserted or removed from any socket in
the same backplane without disturbing system power.
The floating differential input of Model 7B30 is fully protected
up to 120 V rms line voltage. A one-pole 3 Hz filter
preconditions the input signal prior to amplification by a low
drift input amplifier. Amplitude modulation is used to
implement transformer isolation (1500 V rms input-t-output
and power). Isolated front-end circuitry power is supplied by a
DC/DC converter. The output section contains a two-pole
output filter and subsequent buffer ensures that a low noise, low
impedance (<1Ω) signal is available at the output to drive loads
of 2 kΩ minimum.
Figure 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com