Electronic Components Datasheet Search
  English  ▼

X  

ADD8754 Datasheet(PDF) 21 Page - Analog Devices

Part # ADD8754
Description  LCD Panel Power, VCOM, and Gate Modulation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8754 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADD8754 Datasheet HTML 17Page - Analog Devices ADD8754 Datasheet HTML 18Page - Analog Devices ADD8754 Datasheet HTML 19Page - Analog Devices ADD8754 Datasheet HTML 20Page - Analog Devices ADD8754 Datasheet HTML 21Page - Analog Devices ADD8754 Datasheet HTML 22Page - Analog Devices ADD8754 Datasheet HTML 23Page - Analog Devices ADD8754 Datasheet HTML 24Page - Analog Devices ADD8754 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ADD8754
Rev. 0 | Page 21 of 28
LX
VIN_2
FREQ
COMP
SS
VIN_1
GND
VGH_M
VFLK
VDPM
VDD_1
VDD_2
C8
0.1
μF
R8
100k
Ω
R7
250k
Ω
VFLK
TO GATE
DRIVER
R3
4.7k
Ω
R4
7.5k
Ω
C9
1
μF
+12V FROM
VOUT
+12V FROM
VOUT
CLDO
4.7
μF
VLOGIC
+3.3V
CVGL
0.1
μF
VIN
+5V
VOUT
+12V
CIN
10
μF
CSS
10nF
RC
180k
Ω
CC
470pF
R1
91k
Ω
R2
10k
Ω
CE
390pF
D2
1N914
RE
33k
Ω
CVGH
10
μF
ADD8754
19
20
21
22
23
24
1
2
3
4
5
6
78
9
10
11
12
18
17
16
15
14
13
VCOM
+4.0V
COUT
20
μF
VGL
–5V
D1
1N5818
+30V
VGH
T
R12
1k
Ω
+12V FROM
VOUT
RVGL
50
Ω
VZ1
BZX84C5V1
RVGH
75
Ω
VZ2
1N7451A
D3
1N914
T = TRANSTEK MAGNETICS
TMS60059CS
Figure 24. 1.2 MHz Application Circuit for TFT LCD Display with Transformer for VGH and VGL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com