Electronic Components Datasheet Search
  English  ▼

X  

ADD8754 Datasheet(PDF) 3 Page - Analog Devices

Part # ADD8754
Description  LCD Panel Power, VCOM, and Gate Modulation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8754 Datasheet(HTML) 3 Page - Analog Devices

  ADD8754 Datasheet HTML 1Page - Analog Devices ADD8754 Datasheet HTML 2Page - Analog Devices ADD8754 Datasheet HTML 3Page - Analog Devices ADD8754 Datasheet HTML 4Page - Analog Devices ADD8754 Datasheet HTML 5Page - Analog Devices ADD8754 Datasheet HTML 6Page - Analog Devices ADD8754 Datasheet HTML 7Page - Analog Devices ADD8754 Datasheet HTML 8Page - Analog Devices ADD8754 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADD8754
Rev. 0 | Page 3 of 28
SPECIFICATIONS
STEP-UP SWITCHING REGULATOR SPECIFICATIONS
VIN_1 = VIN_2 = SHDN = 5 V, VOUT
1 = VDD_1 = VDD_2 = 14 V, TA = 25°C, FREQ = GND, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SUPPLY
Input Voltage Range
VIN
3.0
5.5
V
OUTPUT1
Output Voltage Range
VOUT1
20
V
Load Regulation
10 mA ≤ ILOAD ≤ 150 mA, VOUT1 = 10 V
200
μV/mA
Line Regulation
ILOAD = 350 mA, 4.5 V ≤ VIN_1 ≤ 5.5 V
mV
Load Regulation
10 mA ≤ ILOAD ≤ 150 mA, VOUT1 = 10 V
200
μV/mA
Line Regulation
ILOAD = 150 mA, 3.0 V ≤ VIN_1 ≤ 5.5 V
mV
Overall Regulation
Line, load, temperature (−40°C ≤ TA ≤ +85°C)
−3
+3
%
REFERENCE
Feedback Voltage
VFB
1.200
1.211
1.220
V
ERROR AMPLIFIER
Transconductance
GMEA
100
μA/V
Gain
AV
1000
V/V
Input Bias Current
IB
225
nA
SWITCH
On Resistance
RDS (ON)
170
mΩ
Leakage Current
ILKG
VLX = 14 V, SHDN = GND
0.5
μA
Peak Current Limit
ICL
2.6
A
OSCILLATOR
Oscillator Frequency
FOSC
FREQ = GND
650
kHz
FREQ = VIN_1
1.2
MHz
Maximum Duty Cycle
DMAX
VFB = 1 V
90
95
%
SOFT START
Peak Current
SS = GND
2.5
μA
1 Refer to the Figure 23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com