Electronic Components Datasheet Search
  English  ▼

X  

EVAL-AD7763EB Datasheet(PDF) 28 Page - Analog Devices

Part # EVAL-AD7763EB
Description  24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7763EB Datasheet(HTML) 28 Page - Analog Devices

Back Button EVAL-AD7763EB Datasheet HTML 24Page - Analog Devices EVAL-AD7763EB Datasheet HTML 25Page - Analog Devices EVAL-AD7763EB Datasheet HTML 26Page - Analog Devices EVAL-AD7763EB Datasheet HTML 27Page - Analog Devices EVAL-AD7763EB Datasheet HTML 28Page - Analog Devices EVAL-AD7763EB Datasheet HTML 29Page - Analog Devices EVAL-AD7763EB Datasheet HTML 30Page - Analog Devices EVAL-AD7763EB Datasheet HTML 31Page - Analog Devices EVAL-AD7763EB Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
AD7763
Rev. 0 | Page 28 of 32
STATUS REGISTER (READ ONLY)
MSB
LSB
PART 1
PART 0
DIE 2
DIE 1
DIE 0
0
LPWR
OVR
DL_OK
FILTER_OK
UFILTER
BYP F3
1
DEC2
DEC1
DEC0
Table 19.
Bit
Mnemonic
Comment
15,14
PART[1:0]
Part Number. These bits are constant for the AD7763.
13 to 11
DIE[2:0]
Die Number. These bits reflect the current AD7763 die number for identification purposes within a system.
10
0
0 must be written to this bit.
9
LPWR
Low Power. If the AD7763 is operating in low power mode, this bit is set to 1.
8
OVR
If the current analog input exceeds the current overrange threshold, this bit is set.
7
DL_OK
When downloading a user filter to the AD7763, a checksum is generated. This checksum is compared to
the one downloaded following the coefficients. If these checksums agree, this bit is set.
6
FILTER_OK
When a user-defined filter is in use, a checksum is generated when the filter coefficients pass through
the filter. This generated checksum is compared to the one downloaded. If they match, this bit is set.
5
UFILTER
If a user-defined filter is in use, this bit is set.
4
BYP F3
Bypass Filter 3. If Filter 3 is bypassed by setting the relevant bit in Control Register 1, this bit is also set.
3
1
1 must be written to this bit.
2 to 0
DEC[2:0]
Decimation Rate. These bits correspond to the bits set in Control Register 1.
OFFSET REGISTER—ADDRESS 0X003
Non Bit-Mapped, Default Value 0x0000
The offset register uses twos complement notation and is scaled so
that 0x7FFF (maximum positive value) and 0x8000 (maximum
negative value) correspond to an offset of +0.390625% and
−0.390625%, respectively. Offset correction is applied after any gain
correction. Using the default gain value of 1.25 and assuming a
reference voltage of 4.096 V, the offset correction range is
approximately ±25 mV.
GAIN REGISTER—ADDRESS 0X004
Non Bit-Mapped, Default Value 0xA000
The gain register is scaled so that 0x8000 corresponds to a gain
of 1.0. The default value of this register is 1.25 (0xA000). This
gives a full-scale digital output when the input is at 80% of VREF.
This ties in with the maximum analog input range of ±80% of
VREF p-p.
OVERRANGE REGISTER—ADDRESS 0X005
Non Bit-Mapped, Default Value 0xCCCC
The overrange register value is compared with the output of the
first decimation filter to obtain an overload indication with
minimum propagation delay. This is prior to any gain scaling or
offset adjustment. The default value is 0xCCCC, which
corresponds to 80% of VREF (the maximum permitted analog
input voltage). Assuming VREF = 4.096 V, the bit is then set when
the input voltage exceeds approximately 6.55 V p-p differential.
Note that the overrange bit is also set immediately if the analog
input voltage exceeds 100% of VREF for more than 4 consecutive
samples at the modulator rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com