Electronic Components Datasheet Search
  English  ▼

X  

EVAL-AD7763EB Datasheet(PDF) 26 Page - Analog Devices

Part # EVAL-AD7763EB
Description  24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7763EB Datasheet(HTML) 26 Page - Analog Devices

Back Button EVAL-AD7763EB Datasheet HTML 22Page - Analog Devices EVAL-AD7763EB Datasheet HTML 23Page - Analog Devices EVAL-AD7763EB Datasheet HTML 24Page - Analog Devices EVAL-AD7763EB Datasheet HTML 25Page - Analog Devices EVAL-AD7763EB Datasheet HTML 26Page - Analog Devices EVAL-AD7763EB Datasheet HTML 27Page - Analog Devices EVAL-AD7763EB Datasheet HTML 28Page - Analog Devices EVAL-AD7763EB Datasheet HTML 29Page - Analog Devices EVAL-AD7763EB Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
AD7763
Rev. 0 | Page 26 of 32
EXAMPLE FILTER DOWNLOAD
The following is an example of downloading a short, user-defined
filter with 24 taps. The frequency response is shown in Figure 38.
10
–80
0
600
FREQUENCY (kHz)
0
–10
–20
–30
–40
–50
–60
–70
100
200
300
400
500
Figure 38. 24-Tap FIR Frequency Response
The coefficients for the filter in Table 14 are shown from the center
of symmetry outward; that is, Coefficient 1 is the coefficient at the
center of symmetry. The raw coefficients were generated using a
commercial filter design tool and scaled appropriately so their
sum equals 67108863 (0x3FF FFFF).
Table 14. 24-Tap FIR Coefficients
Coefficient
Raw
Scaled
1
+0.365481974
+53188232
2
+0.201339905
+29300796
3
+0.009636604
+1402406
4
−0.075708848
−11017834
5
−0.042856209
−6236822
6
+0.019944246
+2902466
7
+0.036437914
+5302774
8
+0.007592007
+1104856
9
−0.021556583
−3137108
10
−0.024888355
−3621978
11
−0.012379538
−1801582
12
−0.001905756
−277343
Table 15 shows the 32-bit word (as per the format shown in the
Downloading a User-Defined Filter section) in hexadecimal for
each of the coefficients that must be written to the AD7763 to
realize this filter. The table is also split into the bytes that are all
summed to produce the checksum. The checksum generated
from these coefficients is 0x0E6B.
Table 15. Filter Hex Values1
32-Bit Word Written to Download Coefficient
Coefficient
Byte 1
Byte 2
Byte 3
Byte 4
1
03
2B
96
88
2
01
BF
18
3C
3
00
15
66
26
4
04
A8
1E
6A
5
04
5F
2A
96
6
00
2C
49
C2
7
00
50
E9
F6
8
00
10
DB
D8
9
04
2F
DE
54
10
04
37
44
5A
11
04
1B
7D
6E
12
04
04
3B
5F
1 All values of words listed are with reference to writing to one device only
(ALL = 0) with Address 000 (as assigned to the device using the ADR[2:0]
pins).
Table 16 lists in hexadecimal format the sequence of 32-bit
words the user writes to the AD7763 to set up the ADC and
download this filter, assuming selection of an output data rate
of 625 kHz.
Table 16.
Word1
Description
0x0001807A
Address of Control Register 1. Control register
data. DL filter, set filter length = 24, set output
data rate = 625 kHz.
0x032B9688
First coefficient.
0x01BF183C
Second coefficient.
…
Other coefficients.
0x04043B5F
Twelfth (final) coefficient.
0x00000E6B
Checksum. Wait (0.5 × tICLK × number of unused
coefficients) for AD7763 to fill remaining unused
coefficients with 0s.
0x0001087A
Address of Control Register. Control register data.
Set read status and maintain filter length and
decimation settings. Read contents of status
register. Check Bit 7 (DL_OK) to determine that
the filter downloaded correctly.
1 All values of words listed are with reference to writing to one device only
(ALL = 0) with Address 000 (as assigned to the device using the ADR[2:0]
pins).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com