Electronic Components Datasheet Search
  English  ▼

X  

ADSP21020 Datasheet(PDF) 12 Page - Analog Devices

Part # ADSP21020
Description  32/40-Bit IEEE Floating-Point DSP Microprocessor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP21020 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADSP21020 Datasheet HTML 8Page - Analog Devices ADSP21020 Datasheet HTML 9Page - Analog Devices ADSP21020 Datasheet HTML 10Page - Analog Devices ADSP21020 Datasheet HTML 11Page - Analog Devices ADSP21020 Datasheet HTML 12Page - Analog Devices ADSP21020 Datasheet HTML 13Page - Analog Devices ADSP21020 Datasheet HTML 14Page - Analog Devices ADSP21020 Datasheet HTML 15Page - Analog Devices ADSP21020 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
RECOMMENDED OPERATING CONDITIONS
K Grade
B Grade
T Grade
Parameter
Min
Max
Min
Max
Min
Max
Unit
VDD
Supply Voltage
4.50
5.50
4.50
5.50
4.50
5.50
V
TAMB
Ambient Operating Temperature
0
+70
–40
+85
–55
+125
°C
Refer to Environmental Conditions for information on thermal specifications.
ELECTRICAL CHARACTERISTICS
Parameter
Test Conditions
Min
Max
Unit
VIH
Hi-Level Input Voltage
1
VDD = max
2.0
V
VIHCR
Hi-Level Input Voltage
2, 12
VDD = max
3.0
V
VIL
Lo-Level Input Voltage
1, 12
VDD = min
0.8
V
VILC
Lo-Level Input Voltage
2
VDD = max
0.6
V
VOH
Hi-Level Output Voltage
3, 11
VDD = min, IOH = –1.0 mA
2.4
V
VOL
Lo-Level Output Voltage
3, 11
VDD = min, IOL = 4.0 mA
0.4
V
IIH
Hi-Level Input Current
4, 5
VDD = max, VIN = VDD max
10
µA
IIL
Lo-Level Input Current
4
VDD = max, VIN = 0 V
10
µA
IILT
Lo-Level Input Current
5
VDD = max, VIN = 0 V
350
µA
IOZH
Tristate Leakage Current
6
VDD = max, VIN = VDD max
10
µA
IOZL
Tristate Leakage Current
6
VDD = max, VIN = 0 V
10
µA
IDDIN
Supply Current (Internal)
7
tCK = 30–33 ns, VDD = max, VIHCR = 3.0 V,
490
mA
VIH = 2.4 V, VIL = VILC = 0.4 V
IDDIDLE
Supply Current (Idle)
8
VDD = max, VIN = 0 V or VDD max
150
mA
CIN
Input Capacitance
9, 10
fIN = 1 MHz, TCASE = 25
°C, V
IN = 2.5 V
10
pF
NOTES
lApplies to: PMD47–0, PMACK, PMTS, DMD39–0, DMACK, DMTS, IRQ3–0. FLAG3–0, BR, TMS, TDI.
2Applies to: CLKIN, TCK.
3Applies to: PMA23–0, PMD47–0, PMS1–0, PMRD, PMWR, PMPAGE, DMA31–0, DMD39–0, DMS3–0, DMRD, DMWR, DMPAGE, FLAG3–0,
TIMEXP, BG.
4Applies to: PMACK, PMTS, DMACK, DMTS, IRQ3–0, BR, CLKIN, RESET, TCK.
5Applies to: TMS, TDI, TRST.
6Applies to: PMA23–0, PMD47–0, PMS1–0, PMRD, PMWR, PMPAGE, DMA31–0, DMD39–0, DMS3–0, DMRD, DMWR, DMPAGE, FLAG3–0, TDO.
7Applies to IVDD pins. At t
CK = 30–33 ns, IDDIN (typical) = 230 mA; at tCK = 40 ns, IDDIN (max) = 420 mA and IDDIN (typical) = 200 mA; at tCK = 50 ns,
IDDIN (max) = 370 mA and IDDIN (typical) = 115 mA. See “Power Dissipation” for calculation of external (EVDD) supply current for total supply current.
8Applies to IVDD pins. Idle refers to ADSP-21020 state of operation during execution of the IDLE instruction.
9Guaranteed but not tested.
10Applies to all signal pins.
11Although specified for TTL outputs, all ADSP-21020 outputs are CMOS-compatible and will drive to V
DD and GND assuming no dc loads.
12Applies to RESET, TRST.
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Input Voltage . . . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Output Voltage Swing . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Load Capacitance . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200 pF
Operating Temperature Range (Ambient) . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (10 seconds) CPGA . . . . . . . . . . . +300
°C
ESD SENSITIVITY
The ADSP-21020 features proprietary input protection circuitry to dissipate high energy discharges
(Human Body Model). Per method 3015 of MIL-STD-883, the ADSP-21020 has been classified
as a Class 3 device, with the ability to withstand up to 4000 V ESD.
Proper ESD precautions are strongly recommended to avoid functional damage or performance
degradation. Charges readily accumulate on the human body and test equipment and discharge
without detection. Unused devices must be stored in conductive foam or shunts, and the foam
should be discharged to the destination socket before devices are removed. For further information
on ESD precautions, refer to Analog Devices’ ESD Prevention Manual.
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
REV. C
–12–
ADSP-21020–SPECIFICATIONS
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com