Electronic Components Datasheet Search
  English  ▼

X  

ADSP21020 Datasheet(PDF) 22 Page - Analog Devices

Part # ADSP21020
Description  32/40-Bit IEEE Floating-Point DSP Microprocessor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP21020 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADSP21020 Datasheet HTML 18Page - Analog Devices ADSP21020 Datasheet HTML 19Page - Analog Devices ADSP21020 Datasheet HTML 20Page - Analog Devices ADSP21020 Datasheet HTML 21Page - Analog Devices ADSP21020 Datasheet HTML 22Page - Analog Devices ADSP21020 Datasheet HTML 23Page - Analog Devices ADSP21020 Datasheet HTML 24Page - Analog Devices ADSP21020 Datasheet HTML 25Page - Analog Devices ADSP21020 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
ADSP-21020
REV. C
–22–
IEEE 1149.1 Test Access Port
K/B/T Grade K/B/T Grade B/T Grade
K Grade
20 MHz
25 MHz
30 MHz
33.3 MHz Frequency Dependency*
Parameter
Min
Max
Min
Max
Min Max Min Max Min
Max
Unit
Timing Requirement:
tTCK
TCK Period
50
40
33
30
tCK
ns
tSTAP
TDI, TMS Setup before TCK High
5
5
5
5
ns
tHTAP TDI, TMS Hold after TCK High
6
6
6
6
ns
tSSYS
System Inputs Setup before TCK High 7
7
7
7
ns
tHSYS
System Inputs Hold after TCK High
9
9
9
9
ns
tTRSTW TRST Pulse Width
200
160
132
120
ns
Switching Characteristic:
tDTDO TDO Delay from TCK Low
15
15
15
15
ns
tDSYS
System Outputs Delay from TCK Low
26
26
26
26
ns
NOTES
*DT = tC – 50 ns
System Inputs = PMD47-0, PMACK, PMTS, DMD39-0, DMACK, DMTS, CLKIN, IRQ3 0, RESET, FLAG3-0, BR.
System Outputs = PMA23-0, PMS1-0, PMRD, PMWR, PMD47-0, PMPAGE, DMA31-0, DMS1-0, DMRD, DMWR, DMD39-0, DMPAGE, FLAG3-0, BG,
TIMEXP.
See the IEEE 1149.1 Test Access Port chapter of the ADSP-21020 User’s Manual for further detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com