Electronic Components Datasheet Search
  English  ▼

X  

ALSIC20G Datasheet(PDF) 3 Page - Exxelia Group

Part # ALSIC20G
Description  8 000 h / 105°C
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

ALSIC20G Datasheet(HTML) 3 Page - Exxelia Group

  ALSIC20G Datasheet HTML 1Page - Exxelia Group ALSIC20G Datasheet HTML 2Page - Exxelia Group ALSIC20G Datasheet HTML 3Page - Exxelia Group ALSIC20G Datasheet HTML 4Page - Exxelia Group ALSIC20G Datasheet HTML 5Page - Exxelia Group ALSIC20G Datasheet HTML 6Page - Exxelia Group ALSIC20G Datasheet HTML 7Page - Exxelia Group ALSIC20G Datasheet HTML 8Page - Exxelia Group ALSIC20G Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ELECTROLYTIC ALUMINUM CAPACITORS
60
Revision 03/23
A
COMPANY
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
Capacitance
(µF)
Case
ESR
100 Hz +20°C
max.
(mΩ)
Tan
100 Hz +20°C
Typic
(%)
Z F (1)
100 Hz+20° C
Typic
(Ω)
I. leak
+20°C
5 min. max.
(mA)
I~
+105°C
100 Hz
(A)
Code
Ø
mm (inches)
L
mm (inches)
Rated voltage: 350 V
100
22,5
(0,886)
25
(0,984)
1045
3
442
0,21
0,7
A776141
220
30,5
(1,201)
40
(1,575)
484
3
204
0,47
1,2
A776142
470
30,5
(1,201)
40
(1,575)
279
4
121
0,99
2,1
A776143
680
35,5
(1,398)
50
(1,969)
202
4
87
1,43
2,7
A776144
Rated voltage: 400 V
68
22,5
(0,886)
25
(0,984)
2096
4
931
0,17
0,5
A776145
100
22,5
(0,886)
30
(1,181)
1423
4
631
0,24
0,6
A776146
150
22,5
(0,886)
40
(1,575)
956
4
424
0,36
0,9
A776147
220
25,5
(1,004)
40
(1,575)
670
4
297
0,53
1,3
A776148
330
30,5
(1,201)
40
(1,575)
474
4
211
0,80
1,5
A776149
470
30,5
(1,201)
50
(1,969)
338
4
150
1,13
2,0
A776150
680
35,5
(1,398)
50
(1,969)
264
5
118
1,64
2,5
A776151
Rated voltage: 450 V
33
18
(0,709)
35
(1,378)
3842
4
1683
0,09
0,4
A776152
47
18
(0,709)
25
(0,984)
2720
4
1192
0,13
0,3
A776153
47
18
(0,709)
35
(1,378)
2704
4
1184
0,13
0,4
A776154
47
22,5
(0,886)
25
(0,984)
2720
4
1192
0,13
0,4
A776155
68
22,5
(0,886)
25
(0,984)
1902
4
834
0,19
0,5
A776156
100
22,5
(0,886)
40
(1,575)
1283
4
561
0,27
0,7
A776157
150
22,5
(0,886)
40
(1,575)
870
4
380
0,41
0,8
A776158
220
25,5
(1,004)
50
(1,969)
597
4
261
0,60
1,3
A776159
330
30,5
(1,201)
40
(1,575)
444
4
196
0,90
1,5
A776160
470
35,5
(1,398)
40
(1,575)
354
5
158
1,27
2,0
A776161
Rated voltage: 500 V
47
22,5
(0,886)
30
(1,181)
2416
3
1040
0,15
0,4
A776162
100
25,5
(1,004)
40
(1,575)
1150
3
495
0,30
0,6
A776163
150
30,5
(1,201)
40
(1,575)
784
3
338
0,45
0,8
A776164
220
30,5
(1,201)
50
(1,969)
540
3
232
0,66
1,4
A776165
330
35,5
(1,398)
50
(1,969)
382
4
165
0,99
1,8
A776166
MAX ESR 100 Hz, 20°C
ESR max H ESR typ. x 1.3
MAX IMPEDANCE 100 kHz, 20°C
Z max H Z typ. x 1.3
EXPECTED LIFE
As a function of temperature and ripple current.
ƒ(Hz)
50
100
300
600
1 000
10 000
≥ 50 000
I
0,8 x I~
I~
1,2 x I~ 1,3 x I~
1,35 x I~
1,5 x I~
1,6 x I~
PERMISSIBLE RIPPLE CURRENT I (R.M.S. VALUE)
versus frequency ƒ:
I ~: permissible r.m.s. current at 100 Hz
F(1): Ø ≤ 18 mm = 100 kHz
Ø > 18 mm = 10 kHz
ALSIC 20G
8 000 h / 105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com