Electronic Components Datasheet Search
  English  ▼

X  

ALSIC20G Datasheet(PDF) 1 Page - Exxelia Group

Part # ALSIC20G
Description  8 000 h / 105°C
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

ALSIC20G Datasheet(HTML) 1 Page - Exxelia Group

  ALSIC20G Datasheet HTML 1Page - Exxelia Group ALSIC20G Datasheet HTML 2Page - Exxelia Group ALSIC20G Datasheet HTML 3Page - Exxelia Group ALSIC20G Datasheet HTML 4Page - Exxelia Group ALSIC20G Datasheet HTML 5Page - Exxelia Group ALSIC20G Datasheet HTML 6Page - Exxelia Group ALSIC20G Datasheet HTML 7Page - Exxelia Group ALSIC20G Datasheet HTML 8Page - Exxelia Group ALSIC20G Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ELECTROLYTIC ALUMINUM CAPACITORS
58
Revision 01/19
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
10 V ... 500 V
33 µF ... 80 000 µF
Ø 18 (0,709) ... Ø 35,5(1,398)
– 55°C + 105°C
Long life time
APPLICATIONS
• Automotive
• High frequency switched mode power supplies
• High ripple current
• Low inductance
• Low impedance
Insulating aluminum case
Tin coated leads
Negative pole marked
Tolerance on capacitance at 20°C
: ± 20 %
Operating temperature
: – 55°C + 105°C
20±0,2 (0,787±0,008)
Dimensions in mm (inches)
30±0,2 (1,181±0,008)
ALSIC 20G
8 000 h / 105°C
SPECIFICATIONS
NFC 83 110 - Long life
CECC 30 300
IEC 60 384-4 Long life
Standard endurance test at UR: 5000h / 105°C
Climatic category GPF: – 55°C + 105°C / 56 days
WITHSTAND STRENGTH OF INSULATING SLEEVE
Insulation resistance at 20°C between
leads and mounting hardware
: 100 MΩ
Test voltage at 50 Hz 1 min. between
terminals and mounting hardware
: 1 000 V
Fire resistance
: self extinguish 30 s
(IEC 60 695-2-2)
RESISTANCE TO VIBRATIONS
DIMENSIONS in mm (inches)
Standard
ƒ (Hz)
10 - 2000 Hz
Amplitude
1,5 (0,059)
Acceleration
20 g - 196 m/s2
t (h)
3 x 2 h
Ø
e±0,5 (0,020)
d
b±2 (0,079)
±a
c±2 (0,079)
18 (0,709) 7,5 (0,295) 0,8 (0,031) 15 (0,591) 1 (0,039) 20 (0,787)
22,5 (0,886)
8,3 (0,327) 1,2 (0,047) 25 (0,984) 2 (0,079) 30 (1,181)
35,5 (1,398)


Similar Part No. - ALSIC20G

ManufacturerPart #DatasheetDescription
logo
Exxelia Group
ALSIC14520G EXXELIA-ALSIC14520G Datasheet
587Kb / 11P
2 000 h / 145°C
Revision 01/19
More results

Similar Description - ALSIC20G

ManufacturerPart #DatasheetDescription
logo
Exxelia Group
CUBISIC EXXELIA-CUBISIC Datasheet
606Kb / 12P
8 000 h / 105°C
Revision 04/21
FELSIC105 EXXELIA-FELSIC105 Datasheet
663Kb / 13P
8 000 h / 105°C
Revision 01/19
FELSIC105LP EXXELIA-FELSIC105LP Datasheet
629Kb / 11P
8 000 h / 105°C
Revision 01/19
FELSIC105TFRS EXXELIA-FELSIC105TFRS Datasheet
631Kb / 12P
8 000 h / 105°C
Revision 01/19
FELSICI-PLUS EXXELIA-FELSICI-PLUS Datasheet
524Kb / 11P
10 000 h / 85°C
Revision 07/16
SNAPSIC105-4P EXXELIA-SNAPSIC105-4P Datasheet
624Kb / 12P
8 000 h / 105°C
Revision 01/19
SNAPSIC105-LP EXXELIA-SNAPSIC105-LP Datasheet
597Kb / 12P
8 000 h / 105°C
Revision 01/19
SNAPSIC105 EXXELIA-SNAPSIC105 Datasheet
623Kb / 13P
8 000 h / 105°C
Revision 01/19
SNAPSIC125 EXXELIA-SNAPSIC125 Datasheet
594Kb / 12P
8 000 h / 125°C
Revision 01/19
SNAPSIC-HV EXXELIA-SNAPSIC-HV Datasheet
594Kb / 12P
8 000 h / 105°C
Revision 01/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com