Electronic Components Datasheet Search
  English  ▼

X  

DP83251V Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83251V
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83251V Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button DP83251V Datasheet HTML 12Page - National Semiconductor (TI) DP83251V Datasheet HTML 13Page - National Semiconductor (TI) DP83251V Datasheet HTML 14Page - National Semiconductor (TI) DP83251V Datasheet HTML 15Page - National Semiconductor (TI) DP83251V Datasheet HTML 16Page - National Semiconductor (TI) DP83251V Datasheet HTML 17Page - National Semiconductor (TI) DP83251V Datasheet HTML 18Page - National Semiconductor (TI) DP83251V Datasheet HTML 19Page - National Semiconductor (TI) DP83251V Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 96 page
background image
40 Modes of Operation (Continued)
432 Internal Loopback
The Internal Loopback mode can be used to test the func-
tionality of the PLAYER device and to test the data paths
between the PLAYER and BMAC devices before ring inser-
tion
When in the Internal Loopback mode the PLAYER device
performs the following functions
 Directs the output data of the Transmitter Block to the
input of the Receiver Block through internal paths (see
Figure 2-1 PLAYER Device Block Diagram)
 Ignores the PMD Data Indicate pins (RXDg and RXCg)
 Outputs Quiet symbols through the PMD Data Request
pins (TXDg) and
 Outputs Quiet symbols through the External Loopback
Data pins (LBDg)
The level of the Quiet symbols transmitted through the
TXCg pins is programmable through the Transmit Quiet
Level bit of the Mode Register
The level of the Quiet symbols transmitted through the
LBDg pins is always high regardless of the Transmit Quiet
Level bit of the Mode Register
If both Internal Loopback and External Loopback modes are
selected Internal Loopback mode will have priority over Ex-
ternal Loopback mode
See
Figure 4-2 for a block diagram
TLF10386 – 16
FIGURE 4-2 Internal Loopback
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com