Electronic Components Datasheet Search
  English  ▼

X  

TPS56325X Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS56325X
Description  TPS56325x 3-V to 17-V Input, 3-A, Synchronous Buck Converters in SOT-563 Package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS56325X Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS56325X Datasheet HTML 9Page - Texas Instruments TPS56325X Datasheet HTML 10Page - Texas Instruments TPS56325X Datasheet HTML 11Page - Texas Instruments TPS56325X Datasheet HTML 12Page - Texas Instruments TPS56325X Datasheet HTML 13Page - Texas Instruments TPS56325X Datasheet HTML 14Page - Texas Instruments TPS56325X Datasheet HTML 15Page - Texas Instruments TPS56325X Datasheet HTML 16Page - Texas Instruments TPS56325X Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
range, hence, it is called adaptive on-time control. The one-shot timer is reset and the high-side MOSFET is
turned on again when the feedback voltage falls below the reference voltage. An internal ripple generation
circuit is added to reference voltage to emulate the output ripple, enabling the use of very low-ESR output
capacitors such as multi-layered ceramic caps (MLCC). No external current sense network or loop compensation
is required for D-CAP3 control mode.
7.3.2 Eco-mode Control
The TPS563252 is designed with advanced Eco-mode to maintain high light-load efficiency. As the output
current decreases from heavy load condition, the inductor current is also reduced and eventually comes to point
that its ripple valley touches zero level, which is the boundary between continuous conduction and discontinuous
conduction mode. The rectifying MOSFET is turned off when the zero inductor current is detected. As the load
current further decreases, the converter runs into discontinuous conduction mode. The on time is kept almost the
same as it was in continuous conduction mode so that it takes longer time to discharge the output capacitor with
smaller load current to the level of the reference voltage. This makes the switching frequency lower, proportional
to the load current, and keeps the light load efficiency high. Use the below equation to calculate the transition
point to the light load operation IOUT(LL) current.
IN
OUT
OUT
OUT(LL)
SW
IN
(V
V
)
V
1
I
2
L
f
V
u
u
u
u
(1)
7.3.3 Soft Start and Prebiased Soft Start
The TPS56325x has an internal fixed 1.6-ms soft-start time. The EN default status is low. When the EN pin
becomes high, the internal soft-start function begins ramping up the reference voltage to the PWM comparator.
If the output capacitor is prebiased at start-up, the devices initiate switching and start ramping up only after the
internal reference voltage becomes higher than the feedback voltage, VFB. This scheme makes sure that the
converter ramps up smoothly into the regulation point.
7.3.4 Overvoltage Protection
The TPS56325x has the overvoltage protection feature. When the output voltage becomes higher than the
OVP threshold, the OVP is triggered with a 24-μs deglitch time. Both the high-side MOSFET and the low-side
MOSFET drivers are turned off. When the overvoltage condition is removed, the device returns to switching.
7.3.5 Large Duty Operation
The TPS56325x can support large duty operations up to 95% by smoothly dropping down the switching
frequency. When VIN / VOUT < 1.6 and VFB is lower than internal VREF, the switching frequency is allowed to
smoothly drop to make tON extended to implement the large duty operation and improve the performance of the
load transient. Please refer frequency test waveform in Figure 6-8. The minimum switching frequency is limited
to approximately 450 kHz.
7.3.6 Current Protection and Undervoltage Protection
The output overcurrent limit (OCL) is implemented using a cycle-by-cycle valley detect control circuit. The switch
current is monitored during the off state by measuring the low-side FET drain-to-source voltage. This voltage is
proportional to the switch current. To improve accuracy, the voltage sensing is temperature compensated.
During the on time of the high-side FET switch, the switch current increases at a linear rate determined by the
following:
• VIN
• VOUT
• On-time
• Output inductor value
During the on time of the low-side FET switch, this current decreases linearly. The average value of the switch
current is the load current, IOUT. If the monitored valley current is above the OCL level, the converter maintains a
low-side FET on and delays the creation of a new set pulse, even the voltage feedback loop requires one, until
www.ti.com
TPS563252, TPS563257
SLUSEQ5A – AUGUST 2022 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS563252 TPS563257



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com