Electronic Components Datasheet Search
  English  ▼

X  

TPS56325X Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS56325X
Description  TPS56325x 3-V to 17-V Input, 3-A, Synchronous Buck Converters in SOT-563 Package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS56325X Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS56325X Datasheet HTML 17Page - Texas Instruments TPS56325X Datasheet HTML 18Page - Texas Instruments TPS56325X Datasheet HTML 19Page - Texas Instruments TPS56325X Datasheet HTML 20Page - Texas Instruments TPS56325X Datasheet HTML 21Page - Texas Instruments TPS56325X Datasheet HTML 22Page - Texas Instruments TPS56325X Datasheet HTML 23Page - Texas Instruments TPS56325X Datasheet HTML 24Page - Texas Instruments TPS56325X Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Vout = 500mV/div
100us/div
SW = 10V/div
IL = 5A/div
Figure 8-20. TPS563257 Normal Operation to
Output Hard Short
Vout = 1V/div
10ms/div
SW = 10V/div
IL = 5A/div
Figure 8-21. Output Hard Short Hiccup
8.3 Power Supply Recommendations
The TPS56325x are designed to operate from input supply voltages in the range of 3 V to 17 V. Buck converters
require the input voltage to be higher than the output voltage for proper operation.
8.4 Layout
8.4.1 Layout Guidelines
• Keep VIN and GND traces as wide as possible to reduce trace impedance. The wide areas are also an
advantage from the view point of heat dissipation.
• Place the input capacitor and output capacitor as close to the device as possible to minimize trace
impedance.
• Provide sufficient vias for the input capacitor and output capacitor.
• Keep the SW trace as physically short and wide as practical to minimize radiated emissions.
• Do not allow switching current to flow under the device.
• Connect a separate VOUT path to the upper feedback resistor.
• Make a Kelvin connection to the GND pin for the feedback path.
• Place a voltage feedback loop away from the high-voltage switching trace, and preferably has ground shield.
• Make the trace of the FB node as small as possible to avoid noise coupling.
• Make the GND trace between the output capacitor and the GND pin as wide as possible to minimize its trace
impedance.
www.ti.com
TPS563252, TPS563257
SLUSEQ5A – AUGUST 2022 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS563252 TPS563257



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com