Electronic Components Datasheet Search
  English  ▼

X  

ICS9LP525-2 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS9LP525-2
Description  56-pin CK505 for Intel Desktop Systems
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LP525-2 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS9LP525-2 Datasheet HTML 1Page - Renesas Technology Corp ICS9LP525-2 Datasheet HTML 2Page - Renesas Technology Corp ICS9LP525-2 Datasheet HTML 3Page - Renesas Technology Corp ICS9LP525-2 Datasheet HTML 4Page - Renesas Technology Corp ICS9LP525-2 Datasheet HTML 5Page - Renesas Technology Corp ICS9LP525-2 Datasheet HTML 6Page - Renesas Technology Corp ICS9LP525-2 Datasheet HTML 7Page - Renesas Technology Corp ICS9LP525-2 Datasheet HTML 8Page - Renesas Technology Corp ICS9LP525-2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
IDTTM/ICSTM PC MAIN CLOCK
1397—11/08/10
ICS9LP525-2
PC MAIN CLOCK
2
Pin Description
PIN #
PIN NAME
TYPE
DESCRIPTION
1
PCI0/CR#_A
I/O
3.3V PCI clock output or Clock Request control A for either SRC0 or SRC2 pair
The power-up default is PCI0 output, but this pin may also be used as a Clock Request control of SRC pair 0 or SRC pair 2 via
SMBus. Before configuring this pin as a Clock Request Pin, the PCI output must first be disabled in byte 2, bit 0 of SMBus address
space . After the PCI output is disabled (high-Z), the pin can then be set to serve as a Clock Request pin for either SRC pair 2 or
pair 0 using the CRA#_EN bit located in byte 5 of SMBUs address space.
Byte 5, bit 7
0 = PCI0 enabled (default)
1= CRA# enabled. Byte 5, bit 6 controls whether CRA# controls SRC0 or SRC2 pair
Byte 5, bit 6
0 = CRA# controls SRC0 pair (default),
1= CRA# controls SRC2 pair
2
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
3
PCI1/CR#_B
I/O
3.3V PCI clock output/Clock Request control B for either SRC1 or SRC4 pair
The power-up default is PCI1 output, but this pin may also be used as a Clock Request control of SRC pair 1 or SRC pair 4 via
SMBus. Before configuring this pin as a Clock Request Pin, the PCI output must first be disabled in byte 2, bit 1 of SMBus address
space . After the PCI output is disabled (high-Z), the pin can then be set to serve as a Clock Request pin for either SRC pair 1 or
pair 4 using the CRB#_EN bit located in byte 5 of SMBUs address space.
Byte 5, bit 5
0 = PCI1 enabled (default)
1= CRB# enabled. Byte 5, bit 6 controls whether CRB# controls SRC1 or SRC4 pair
Byte 5, bit 4
0 = CRB# controls SRC1 pair (default)
1= CRB# controls SRC4 pair
4
PCI2/TME
I/O
3.3V PCI clock output / Trusted Mode Enable(TME) Latched Input. This pin is sampled on power-up as follows
0=Overclocking of CPU and SRC allowed
1=Overclocking of CPU and SRC NOT allowed
After being sampled on power-up, this pin becomes a 3.3V PCI Output
5
PCI3/CFG0
I/O
3.3V PCI clock output/Configuration Strap. See PCI3 Configuration Table for more information
6
PCI4/SRC5_EN
I/O
3.3V PCI clock output / SRC5 pair or PCI_STOP#/CPU_STOP# enable strap. On powerup, the logic value on this pin determines if
the SRC5 pair is enabled or if CPU_STOP#/PCI_STOP# is enabled (pins 29 and 30). The latched value controls the pin function on
pins 29 and 30 as follows
0 = PCI_STOP#/CPU_STOP#
1 = SRC5/SRC5#
7
PCI_F5/ITP_EN
I/O
Free running PCI clock output and ITP/SRC8 enable strap. This output is not affected by the state of the PCI_STOP# pin. On
powerup, the state of this pin determines whether pins 38 and 39 are an ITP or SRC pair.
0 =SRC8/SRC8#
1 = ITP/ITP#
8
GNDPCI
PWR
Ground pin for the PCI outputs
9
VDD48
PWR
Power pin for the 48MHz output and PLL.3.3V
10
USB_48MHz/FSLA
I/O
3.3V tolerant input for CPU frequency selection. Refer to input electrical characteristics for Vil_FS and Vih_FS values. / Fixed
48MHz USB clock output. 3.3V.
11
GND48
PWR
Ground pin for the 48MHz outputs
12
VDD96_IO
PWR
Power supply for DOT96 clocks, nominal 0.8V from source/emitter of external pass transistor.
13
DOTT_96/SRCT0
OUT
True clock of low power differential SRC or DOT96. The power-up default function is SRC0. After powerup, this pin function may be
changed to DOT96 via SMBus Byte 1, bit 7 as follows:
0= SRC0
1=DOT96
14
DOTC_96/SRCC0
OUT
Complement clock of low power differential SRC or DOT96. The power-up default function is SRC0#. After powerup, this pin
function may be changed to DOT96# via SMBus Byte 1, bit 7 as follows
0= SRC0#
1=DOT96#
15
GND
PWR
Ground pin.
16
VDD
PWR
Power supply, nominal 3.3V
17
SRCT1/SE1
OUT
True clock of low power differential SRC1 clock pair / 3.3V single-ended output. The powerup default is 100 MHz SRC, -0.5%
downspread. The pin function may be changed via SMBus B1b[4:1]
18
SRCC1/SE2
OUT
Complement clock of push-pull differential SRC1 clock pair / 3.3V single-ended output. The powerup default is 100 MHz SRC, -
0.5% downspread. The pin function may be changed via SMBus B1b[4:1]
19
GND
PWR
Ground pin.
20
VDDPLL3_IO
PWR
Power supply for PLL3. 0.8V nominal from source/emitter of external pass transistor
21
SRCT2/SATAT
OUT
True clock of low power differentiall SRC/SATA clock pair.
22
SRCC2/SATAC
OUT
Complement clock of differential push-pull SRC/SATA clock pair.
23
GNDSRC
PWR
Ground pin for the SRC outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com