Electronic Components Datasheet Search
  English  ▼

X  

ICS9LPRS535 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS9LPRS535
Description  48-pin CK505 for Intel Systems
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS535 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS9LPRS535 Datasheet HTML 1Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 2Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 3Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 4Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 5Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 6Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
Integrated
Circuit
Systems, Inc.
ICS9LPRS535
Datasheet
1461A—07/28/09
SSOP/TSSOP Pin Description (Continued)
25
PCI_STOP#/SRCT5_LPR
I/O
Stops all PCICLKs at logic 0 level, when low. Can also stop SRC clocks. Free running PCICLKs are not effected by this
input. / True clock of push-pull SRC pair with int. 33ohm series resistor.
26
VDDSRC
PWR Supply for SRC clocks, 3.3V nominal
27
GNDSRC
PWR Ground pin for the SRC outputs
28
SRCC7_LPR/CR#_E
I/O
Complementary clock of push-pull SRC output with int. 33ohm series resistor/CR#_E input. Disable SRC7 via Byte 3, bit 3
before using as CR#_E.
Byte 6, bit 7: 0=SRC7 (default), 1=CR#_E
Outputs controlled by CR#_E are not present on this device
29
SRCT7_LPR/CR#_F
I/O
True clock of push-pull SRC output with int. 33 ohm series resistor/CR#_F input. Disable SRC7 via Byte 3, bit 3 before
using CR#_F.
Byte 6, bit 6: 0 = SRC7 (default),1 = CR#_F enabled to control SRC8.
30
VDDSRC_IO
PWR
1.05V to 3.3V from external power supply
31
CPUC2_ITP_LPR/SRCC8_LPR OUT
Complementary clock of low power differential CPU2_ITP/SRC pair. No Rs needed. The function of this pin is determined
by the latched input value on pin 7, PCIF5/ITP_EN on powerup. The function is as follows:
Pin 7 latched input Value
0 = SRC8#
1 = ITP#
32
CPUT2_ITP_LPR/SRCT8_LPR
OUT
True clock of low power differential CPU2_ITP/SRC8 pair. No Rs needed. The function of this pin is determined by the
latched input value on pin 7, PCIF5/ITP_EN on powerup. The function is as follows:
Pin 7 latched input Value
0 = SRC8
1 = ITP
33
VDDCPU_IO
PWR
1.05V to 3.3V from external power supply
34
CPUC1_LPR_F
OUT
Complementary clock of differential pair 0.8V push-pull CPU outputs with integrated 33ohm series resistor. Free running
during iAMT. No 50ohm resistor to GND needed.
35
CPUT1_LPR_F
OUT
True clock of differential pair 0.8V push-pull CPU outputs with integrated 33ohm series resistor. Free running during
iAMT No 50 ohm resistor to GND needed.
36
GNDCPU
PWR Ground pin for the CPU outputs
37
CPUC0_LPR
OUT
Complementary clock of differential pair 0.8V push-pull CPU outputs with integrated 33ohm series resistor. No 50 ohm
resistor to GND needed.
38
CPUT0_LPR
OUT
True clock of differential pair 0.8V push-pull CPU outputs with integrated 33ohm series resistor. No 50 ohm resistor to
GND needed.
39
VDDCPU
PWR Supply for CPU clocks, 3.3V nominal
40
CK_PWRGD/PD#
IN
Notifies CK505 to sample latched inputs, or iAMT entry/exit, or PWRDWN# mode
41
FSLB/TEST_MODE
IN
3.3V tolerant input for CPU frequency selection. Refer to input electrical characteristics for Vil_FS and Vih_FS values.
TEST_MODE is a real time input to select between Hi-Z and REF/N divider mode while in test mode. Refer to Test
Clarification Table.
42
GNDREF
PWR Ground pin for the REF outputs.
43
X2
OUT Crystal output, Nominally 14.318MHz
44
X1
IN
Crystal input, Nominally 14.318MHz.
45
VDDREF
PWR Ref, XTAL power supply, nominal 3.3V
46
REF0/FSLC/TEST_SEL
I/O
14.318 MHz reference clock./ 3.3V tolerant input for CPU frequency selection. Refer to input electrical characteristics for
Vil_FS and Vih_FS values. /TEST_Sel: 3-level latched input to enable test mode. Refer to Test Clarification Table
47
SDATA
I/O
Data pin for SMBus circuitry, 3.3V tolerant.
48
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com