Electronic Components Datasheet Search
  English  ▼

X  

ICS9LPRS535 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS9LPRS535
Description  48-pin CK505 for Intel Systems
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS535 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS9LPRS535 Datasheet HTML 1Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 2Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 3Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 4Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 5Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 6Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
Integrated
Circuit
Systems, Inc.
ICS9LPRS535
Datasheet
1461A—07/28/09
ICS9LPRS535 is compliant to the Intel CK505 Yellow Cover specification. This clock synthesizer provides a single chip
solution for Intel desktop chipsets. ICS9LPRS535 is driven with a 14.318MHz crystal. It also provides a tight ppm accuracy
output for Serial ATA and PCI-Express support.
General Description
Block Diagram
Power Groups
Description
VDD
GND
33
36
CPU Outputs
39
36
CPU/SRC Analog
30, 21
18, 27
SRC Outputs
13
15
PLL3 25MHz
9
12
DOT96 outputs
6
8
USB 48 Output/Analog
45
42
Xtal, REF
2
5
PCI outputs
Pin Number
REF
CPU(1:0)
CPU PLL1
SS
OSC
REF
SRC(7,5:3)
PLL2
Non-SS
PLL3
Non-SS
SRC8/ITP
PCI(5:4,0)
SRC2/SATA
SE1 (25MHz)
25MHz
SATA
DOT96MHz
PCI33MHz
SRC = SRC_MAIN
SRC0/DOT96
48MHz
48MHz
CPU
FSLA
CKPWRGD/PD#
PCI_STOP#
CPU_STOP#
CR#_(A,C:D)
SRC5_EN
ITP_EN
FSLC/TESTSEL
FSLB/TESTMODE
Control
Logic
X1
X2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com