Electronic Components Datasheet Search
  English  ▼

X  

TH1230 Datasheet(PDF) 9 Page - Texas Instruments

Part # TH1230
Description  3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TH1230 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TH1230 Datasheet HTML 5Page - Texas Instruments TH1230 Datasheet HTML 6Page - Texas Instruments TH1230 Datasheet HTML 7Page - Texas Instruments TH1230 Datasheet HTML 8Page - Texas Instruments TH1230 Datasheet HTML 9Page - Texas Instruments TH1230 Datasheet HTML 10Page - Texas Instruments TH1230 Datasheet HTML 11Page - Texas Instruments TH1230 Datasheet HTML 12Page - Texas Instruments TH1230 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
170
160
150
−40
−15
10
35
60
85
180
190
200
TA − Temperature − °C
186.8
187.2
187.4
188
189.2
190.2
fin = 3.58 MHz @ −1dBFS
AIN− = AIN+ = 1.65 V
AVDD = DVDD = 3.3 V,
fs = 30 MSPS
Mode 1
67
66
65
−40
−15
10
35
60
85
68
69
70
AVDD = DVDD = 3.3 V
fs = 30 MSPS
fi = 3.58 MHz, −1dBFS
Mode 1
TA − Temperature − °C
77
76
75
−40
−15
10
35
60
85
78
79
80
TA − Temperature − °C
AVDD = DVDD = 3.3 V
fs = 30 MSPS
fi = 3.58 MHz, −1dBFS
Mode 1
−68
−69
−70
−71
−40
−15
10
35
60
85
−67
−66
−65
−74
−75
−73
−72
TA − Temperature − °C
AVDD = DVDD = 3.3 V
fs = 30 MSPS
fi = 3.58 MHz, −1dBFS
Mode 1
THS1230
SLAS291B – OCTOBER 2000 – REVISED MARCH 2004
POWER
SIGNAL-TO-NOISE RATIO
vs
vs
TEMPERATURE
TEMPERATURE
Figure 4.
Figure 5.
SPURIOUS FREE DYNAMIC RANGE
TOTAL HARMONIC DISTORTION
vs
vs
TEMPERATURE
TEMPERATURE
Figure 6.
Figure 7.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com