Electronic Components Datasheet Search
  English  ▼

X  

TH1230 Datasheet(PDF) 13 Page - Texas Instruments

Part # TH1230
Description  3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TH1230 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TH1230 Datasheet HTML 9Page - Texas Instruments TH1230 Datasheet HTML 10Page - Texas Instruments TH1230 Datasheet HTML 11Page - Texas Instruments TH1230 Datasheet HTML 12Page - Texas Instruments TH1230 Datasheet HTML 13Page - Texas Instruments TH1230 Datasheet HTML 14Page - Texas Instruments TH1230 Datasheet HTML 15Page - Texas Instruments TH1230 Datasheet HTML 16Page - Texas Instruments TH1230 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
www.ti.com
SAMPLE
AND
HOLD
AIN−
AIN+
+1
−1
VP+
VP−
REFT
REFB
ADC
CORE
Sample and Hold
Analog-to-Digital Converter
Analog Input
THS1230
RS
VS+
VS−
RS
RSW
RSW
CI
CI
VCM
VCM
_
+
_
+
R
S t
1
2f
CLK
C
I
In(256)
–R
SW
THS1230
SLAS291B – OCTOBER 2000 – REVISED MARCH 2004
Figure 15. Analog Input Signal Flow
The differential sample and hold processes AIN with respect to the voltages applied to the REFT and REFB pins,
to give a differential output (VP+) – (VP–) = VP given by:
•
VP = (AIN+) – ( AIN–)
No matter what operating configuration is chosen, VP is digitized against ADC reference voltages VREFT and
VREFB. The VREFT and VREFB voltages set the analog input span limits FS+ and FS–, respectively. Any voltages at
AIN greater than REFT or less than REFB causes ADC over-range, which is signaled by OVR going high when
the conversion result is output.
A first-order approximation for the equivalent analog input circuit of the THS1230 is shown in Figure 16. The
equivalent input capacitance CI is 5 pF typical. The input must charge/discharge this capacitance within the
sample period of one half of a clock cycle. When a full-scale voltage step is applied, the input source provides
the charging current through the switch resistance RSW (200 Ω) of S1 and quickly settles. In this case the input
impedance is low. Alternatively, when the source voltage equals the value previously stored on CI, the hold
capacitor requires no input current and the equivalent input impedance is very high.
Figure 16. Simplified Equivalent Input Circuit
To maintain the frequency performance outlined in the specifications, the total source impedance should be
limited to the following equation with fCLK = 30 MHz, CI = 5 pF, RSW = 200 Ω:
So, for applications running at a lower fCLK, the total source resistance can increase proportionally.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com