Electronic Components Datasheet Search
  English  ▼

X  

WA23 Datasheet(PDF) 2 Page - Amphenol Sine Systems Corp.

Part # WA23
Description  1 POS, PLUG, SOCKET, STRUCTURE PLUS™ ATHD, SIZE 8, BLACK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASS [Amphenol Sine Systems Corp.]
Direct Link  https://www.amphenol-sine.com/
Logo ASS - Amphenol Sine Systems Corp.

WA23 Datasheet(HTML) 2 Page - Amphenol Sine Systems Corp.

  WA23 Datasheet HTML 1Page - Amphenol Sine Systems Corp. WA23 Datasheet HTML 2Page - Amphenol Sine Systems Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Amphenol Sine Systems
44724 Morley Drive
Clinton Township, MI 48036 USA
www.amphenol-sine.com
12/2021
Machined Contacts, Pins and Sockets
Part Number
Description
Size
AWG
Type
Amps
AT60-204-08141
Male Contact - Pin, Copper Alloy, Nickel-Plated
8
8-10
Machined
60A
AT62-203-08141
Female Contact - Socket, Copper Alloy, Nickel-Plated
8
8-10
Machined
60A
Tooling - Machined Contacts
Part
Part Number
Description
WA23
Heavy Duty Pneumatic Crimp Tool
-Uses Universal Positioner Part No. WA23-101DA and
Crimp Locator MFX-3961
WA23-2
Die Assembly
-for CA-5E12 Heavy Duty Pneumatic Crimp Tool, Size 8
WA23-10
Contact Locator, Size 8
96-978-22
Crimper and Dies
-for Size 10mm²-185mm² Wires
Contact Removal Tools
Part
Part Number
Description
AT114008
Contact Removal Tool, Plastic, Size 8, 8-10AWG
DuraMate™ ATHD Series™ - Contact Size 8 Options



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com